Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2513L-1-V-F4 Datasheet(PDF) 4 Page - California Eastern Labs

Part # PS2513L-1-V-F4
Description  HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2513L-1-V-F4 Datasheet(HTML) 4 Page - California Eastern Labs

  PS2513L-1-V-F4 Datasheet HTML 1Page - California Eastern Labs PS2513L-1-V-F4 Datasheet HTML 2Page - California Eastern Labs PS2513L-1-V-F4 Datasheet HTML 3Page - California Eastern Labs PS2513L-1-V-F4 Datasheet HTML 4Page - California Eastern Labs PS2513L-1-V-F4 Datasheet HTML 5Page - California Eastern Labs PS2513L-1-V-F4 Datasheet HTML 6Page - California Eastern Labs PS2513L-1-V-F4 Datasheet HTML 7Page - California Eastern Labs PS2513L-1-V-F4 Datasheet HTML 8Page - California Eastern Labs PS2513L-1-V-F4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PS2513-1,PS2513L-1
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS2513-1
PS2513-1-A
Pb-Free
Magazine case 100 pcs
Standard products
PS2513-1
PS2513L-1
PS2513L-1-A
(UL Approved)
PS2513L-1-E3
PS2513L-1-E3-A
Embossed Tape 1 000 pcs/reel
PS2513L-1-E4
PS2513L-1-E4-A
PS2513L-1-F3
PS2513L-1-F3-A
Embossed Tape 2 000 pcs/reel
PS2513L-1-F4
PS2513L-1-F4-A
PS2513-1-V
PS2513-1-V-A
Magazine case 100 pcs
DIN EN60747-5-2
PS2513L-1-V
PS2513L-1-V-A
(VDE0884 Part2)
PS2513L-1-V-E3
PS2513L-1-V-E3-A
Embossed Tape 1 000 pcs/reel
approved products
PS2513L-1-V-E4
PS2513L-1-V-E4-A
(Option)
PS2513L-1-V-F3
PS2513L-1-V-F3-A
Embossed Tape 2 000 pcs/reel
PS2513L-1-V-F4
PS2513L-1-V-F4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Ratings
Parameter
Symbol
PS2513-1,
PS2513L-1
Unit
Diode
Reverse Voltage
VR
6
V
Forward Current (DC)
IF
60
mA
Power Dissipation Derating
ΔPD/°C
1.5
mW/
°C
Power Dissipation
PD
150
mW
Peak Forward Current
*1
IFP
1
A
Transistor
Collector to Emitter Voltage
VCEO
120
V
Emitter to Collector Voltage
VECO
6
V
Collector Current
IC
30
mA
Power Dissipation Derating
ΔPC/°C
1.5
mW/
°C
Power Dissipation
PC
150
mW
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
μs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output
Pins 1-2 shorted together, 3-4 shorted together.
Data Sheet PN10163EJ03V0DS
4


Similar Part No. - PS2513L-1-V-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2513L-1-V-F3 RENESAS-PS2513L-1-V-F3 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513L-1-V-F3 RENESAS-PS2513L-1-V-F3 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results

Similar Description - PS2513L-1-V-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com