Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2150C Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL2150C
Description  125 MHz Single Supply, Clamping Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2150C Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL2150C Datasheet HTML 6Page - Elantec Semiconductor EL2150C Datasheet HTML 7Page - Elantec Semiconductor EL2150C Datasheet HTML 8Page - Elantec Semiconductor EL2150C Datasheet HTML 9Page - Elantec Semiconductor EL2150C Datasheet HTML 10Page - Elantec Semiconductor EL2150C Datasheet HTML 11Page - Elantec Semiconductor EL2150C Datasheet HTML 12Page - Elantec Semiconductor EL2150C Datasheet HTML 13Page - Elantec Semiconductor EL2150C Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
EL2150CEL2157C
125 MHz Single Supply Clamping Op Amps
Typical Performance Curves
Contd
RL e 150X
Clamp Accuracy
2150 – 48
RL e 1kX
Clamp Accuracy
2150 – 49
RL e 10 kX
Clamp Accuracy
2150 – 50
Family of DC Inputs
Enable Response for a
2150 – 51
Family of DC Inputs
Disable Response for a
2150 – 52
DisableEnable Response for a
Family of Sine Waves
2150 – 53
OFF Isolation
2150 – 72
10


Similar Part No. - EL2150C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2150CS INTERSIL-EL2150CS Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2150CS-T13 INTERSIL-EL2150CS-T13 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2150CS-T7 INTERSIL-EL2150CS-T7 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2150CW-T7 INTERSIL-EL2150CW-T7 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2150CW-T7A INTERSIL-EL2150CW-T7A Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
More results

Similar Description - EL2150C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2257C ELANTEC-EL2257C Datasheet
1Mb / 21P
   125 MHz Single Supply, Clamping Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
EL2257 INTERSIL-EL2257 Datasheet
646Kb / 17P
   125MHz Single Supply, Clamping Op Amp
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com