Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7901D-1A Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS7901D-1A
Description  4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7901D-1A Datasheet(HTML) 3 Page - California Eastern Labs

  PS7901D-1A Datasheet HTML 1Page - California Eastern Labs PS7901D-1A Datasheet HTML 2Page - California Eastern Labs PS7901D-1A Datasheet HTML 3Page - California Eastern Labs PS7901D-1A Datasheet HTML 4Page - California Eastern Labs PS7901D-1A Datasheet HTML 5Page - California Eastern Labs PS7901D-1A Datasheet HTML 6Page - California Eastern Labs PS7901D-1A Datasheet HTML 7Page - California Eastern Labs PS7901D-1A Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary document
Specifications in this document are tentative and subject to change.
PS7901D-1A
Chapter Title
R08DS0034EJ0001 Rev.0.01
Page 3 of 7
Feb 17, 2011
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward
Current
*1
IFP
1
A
MOS FET Break Down Voltage
VL
40
V
Continuous Load
Current
IL
120
mA
Pulse Load Current
*2
(AC/DC Connection)
ILP
200
mA
Power Dissipation
*2
PD
250
mW
Isolation Voltage
*3
BV
500
Vr.m.s.
Total Power Dissipation
PT
300
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +100
°C
Notes: *1. PW = 100
μs, Duty Cycle = 1%
*2. PW = 100 ms, 1 shot
*3. AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.
RECOMMENDED OPERATING CONDITIONS (TA = 25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
LED Operating Current
IF
4.5
5
20
mA
LED Off Current
IF
0.1
mA
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS7901D-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7901D-1A RENESAS-PS7901D-1A Datasheet
200Kb / 9P
   .NEPOC Series. (OCMOS FET) 4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
PS7901D-1A_15 RENESAS-PS7901D-1A_15_15 Datasheet
279Kb / 9P
   NEPOC Series. (OCMOS FET) 4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF)
More results

Similar Description - PS7901D-1A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7901D-1A RENESAS-PS7901D-1A Datasheet
200Kb / 9P
   .NEPOC Series. (OCMOS FET) 4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801K-1A RENESAS-PS7801K-1A Datasheet
248Kb / 12P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7801K-1A NEC-PS7801K-1A Datasheet
94Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
PS7801D-1A NEC-PS7801D-1A Datasheet
121Kb / 9P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF), 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801D-1A CEL-PS7801D-1A Datasheet
201Kb / 13P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801K-1A CEL-PS7801K-1A Datasheet
184Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
PS7801F-1A CEL-PS7801F-1A Datasheet
204Kb / 10P
   4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com