Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS8821-1-A Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS8821-1-A
Description  1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS8821-1-A Datasheet(HTML) 1 Page - California Eastern Labs

  PS8821-1-A Datasheet HTML 1Page - California Eastern Labs PS8821-1-A Datasheet HTML 2Page - California Eastern Labs PS8821-1-A Datasheet HTML 3Page - California Eastern Labs PS8821-1-A Datasheet HTML 4Page - California Eastern Labs PS8821-1-A Datasheet HTML 5Page - California Eastern Labs PS8821-1-A Datasheet HTML 6Page - California Eastern Labs PS8821-1-A Datasheet HTML 7Page - California Eastern Labs PS8821-1-A Datasheet HTML 8Page - California Eastern Labs PS8821-1-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
PHOTOCOUPLER
PS8821-1,-2
1 Mbps ANALOG OUTPUT TYPE
8-PIN SSOP (SO-8)
HIGH-SPEED PHOTOCOUPLER
Document No. PN10591EJ03V0DS (3rd edition)
Date Published August 2008 NS
−NEPOC Series−
DESCRIPTION
The PS8821-1, -2 are optically coupled isolators containing a GaAlAs LED on the light emitting diode (input side)
and a PIN photodiode and a high-speed amplifier transistor on the output side on one chip.
The PS8821-2 is suitable for high density applications.
FEATURES
• 40% reduction of mounting area (5-pin SOP
× 2)
• Low power consumption (VCC = 3.3 V)
PIN CONNECTION
(Top View)
1. NC
2. Anode
3. Cathode
4. NC
5. GND
6. VO
7. NC
8. VCC
1
234
8
765
PS8821-1
1. Anode1
2. Cathode1
3. Cathode2
4. Anode2
5. GND
6. VO2
7. VO1
8. VCC
PS8821-2
1
234
8
765
• High isolation voltage (BV = 2 500 Vr.m.s.)
• High-speed response (tPHL = 0.6
μs MAX., tPLH = 0.9 μs MAX.)
• Ordering number of tape product: PS8821-1-F3, F4: 1 500 pcs/reel
: PS8821-2-F3, F4: 1 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• DIN EN60747-5-2 (VDE0884 Part2) approved (Option)
APPLICATIONS
• Power over Ethernet
• Computer and peripheral manufactures
• Substitutions for relays and pulse transformers
• Power supply
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
2006, 2008


Similar Part No. - PS8821-1-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS8821-1-F3 RENESAS-PS8821-1-F3 Datasheet
264Kb / 18P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8821-1-F4 RENESAS-PS8821-1-F4 Datasheet
264Kb / 18P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8821-1-V RENESAS-PS8821-1-V Datasheet
264Kb / 18P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8821-1-V-F3 RENESAS-PS8821-1-V-F3 Datasheet
264Kb / 18P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8821-1-V-F4 RENESAS-PS8821-1-V-F4 Datasheet
264Kb / 18P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
More results

Similar Description - PS8821-1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8821-1 RENESAS-PS8821-1 Datasheet
264Kb / 18P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com