Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9122-AX Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS9122-AX
Description  The PS9122 is an optical coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9122-AX Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS9122-AX Datasheet HTML 3Page - California Eastern Labs PS9122-AX Datasheet HTML 4Page - California Eastern Labs PS9122-AX Datasheet HTML 5Page - California Eastern Labs PS9122-AX Datasheet HTML 6Page - California Eastern Labs PS9122-AX Datasheet HTML 7Page - California Eastern Labs PS9122-AX Datasheet HTML 8Page - California Eastern Labs PS9122-AX Datasheet HTML 9Page - California Eastern Labs PS9122-AX Datasheet HTML 10Page - California Eastern Labs PS9122-AX Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
*1, 5. Typical values at TA = 25
°C
*2, 6. Because VOL of 2 V or more may be output when LED current input and when output supply of VCC = 2 V
more or less, it is important to confirm the characteristics (operation with the power supply on and off) during
design, before using this device.
*3, 7. Test circuit for propagation delay time
Input
Output
1.5 V
VOL
tPHL
tPLH
(IF
50%
47
Ω
Pulse input (IF)
VO (monitor)
VCC = 3.3 V (N rank)
VCC = 5 V
(L rank)
Input
(monitor)
0.1 F
μ
CL = 15 pF
RL = 350
Ω
(PW = 1 s,
Duty cycle = 1/10)
= 7.5 mA)
μ
Remark CL includes probe and stray wiring capacitance.
*4, 8. Test circuit for common mode transient immunity
90%
10%
VCM
VO
(IF = 0 mA)
VO
(IF = 7.5 mA)
1 kV
0 V
VOH
2 V
0.8 V
VOL
tr
tf
VO (monitor)
0.1 F
μ
CL = 15 pF
SW
VCM
IF
RL = 350
Ω
VCC = 3.3 V (N rank)
VCC = 5 V
(L rank)
Remark CL includes probe and stray wiring capacitance.
USAGE CAUTIONS
1. This product is weak for static electricity by designed with high-speed integrated circuit so protect against static
electricity when handling.
2. By-pass capacitor of 0.1
μF is used between VCC and GND near device. Also, ensure that the distance between
the leads of the photocoupler and capacitor is no more than 10 mm.
3. Avoid storage at a high temperature and high humidity.
Data Sheet PN10697EJ02V0DS
7
PS9122


Similar Part No. - PS9122-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9122-F3 RENESAS-PS9122-F3 Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
PS9122-F3 RENESAS-PS9122-F3 Datasheet
310Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5)
PS9122-V RENESAS-PS9122-V Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
PS9122-V RENESAS-PS9122-V Datasheet
310Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5)
PS9122-V-F3 RENESAS-PS9122-V-F3 Datasheet
318Kb / 20P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9122-AX

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9121 CEL-PS9121 Datasheet
287Kb / 15P
   The PS9121 is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
   The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
   The 74V1G04 is an advanced high-speed
July 2001
logo
California Eastern Labs
PS7342L-1A CEL-PS7342L-1A Datasheet
247Kb / 10P
   solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
logo
ON Semiconductor
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
250Kb / 8P
   The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
Zilog, Inc.
ZLP32300100KIT ZILOG-ZLP32300100KIT Datasheet
823Kb / 21P
   Release the device key. The LED is ON
logo
ELMOS Semiconductor AG
E909-06 ELMOS-E909-06 Datasheet
2Mb / 71P
   The IC is based on an optical bridge technology which provides a non-mechanical detection of movements.
logo
Renesas Technology Corp
ISL71710M RENESAS-ISL71710M Datasheet
2Mb / 26P
   Radiation Tolerant Active-Input High Speed Digital Isolator
Mar 11, 2021
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com