Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9324L-V Datasheet(PDF) 11 Page - California Eastern Labs

Part # PS9324L-V
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9324L-V Datasheet(HTML) 11 Page - California Eastern Labs

Back Button PS9324L-V Datasheet HTML 7Page - California Eastern Labs PS9324L-V Datasheet HTML 8Page - California Eastern Labs PS9324L-V Datasheet HTML 9Page - California Eastern Labs PS9324L-V Datasheet HTML 10Page - California Eastern Labs PS9324L-V Datasheet HTML 11Page - California Eastern Labs PS9324L-V Datasheet HTML 12Page - California Eastern Labs PS9324L-V Datasheet HTML 13Page - California Eastern Labs PS9324L-V Datasheet HTML 14Page - California Eastern Labs PS9324L-V Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PS9324L, PS9324L2
R08DS0060EJ0100 Rev.1.00
Page 11 of 17
Apr 26, 2013
TAPING SPECIFICATIONS (UNIT: mm)
PS9324L-E3
2.0±0.5
13.0±0.2
R 1.0
21.0±0.8
2.0±0.5
17.5±1.0
21.5±1.0
2.0±0.1
4.0±0.1
5.08±0.1
8.0±0.1
1.5
+0.1
–0
4.5 MAX.
0.35
1.5
+0.1
–0
Outline and Dimensions (Tape)
Tape Direction
Outline and Dimensions (Reel)
Packing: 2 000 pcs/reel
15.9 to 19.4
Outer edge of
flange
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9324L-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9324L-V RENESAS-PS9324L-V Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9324L-V-E3 RENESAS-PS9324L-V-E3 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
More results

Similar Description - PS9324L-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9317L RENESAS-PS9317L_15 Datasheet
247Kb / 18P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9317L CEL-PS9317L Datasheet
240Kb / 9P
   HIGH CMR, 10 Mbps, OPEN COLLECTOR OUTPUT TYPE, 8 mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS9114 CEL-PS9114 Datasheet
388Kb / 11P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9924 RENESAS-PS9924_15 Datasheet
298Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS9114 ETC-PS9114 Datasheet
112Kb / 5P
   NECs HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9587 RENESAS-PS9587_15 Datasheet
312Kb / 20P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9817A-1 RENESAS-PS9817A-1_15 Datasheet
284Kb / 18P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN DIP HIGH-SPEED PHOTOCOUPLER
PS9117A RENESAS-PS9117A Datasheet
287Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com