Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2073 Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2073
Description  200MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2073 Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2073 Datasheet HTML 1Page - Elantec Semiconductor EL2073 Datasheet HTML 2Page - Elantec Semiconductor EL2073 Datasheet HTML 3Page - Elantec Semiconductor EL2073 Datasheet HTML 4Page - Elantec Semiconductor EL2073 Datasheet HTML 5Page - Elantec Semiconductor EL2073 Datasheet HTML 6Page - Elantec Semiconductor EL2073 Datasheet HTML 7Page - Elantec Semiconductor EL2073 Datasheet HTML 8Page - Elantec Semiconductor EL2073 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
EL2073C
200MHz Unity-Gain Stable Operational Amplifier
AVOL 50
Open-Loop Gain
50
25°C
400
800
V/V
TMIN, TMAX
300
V/V
eN@ > 1MHz
Noise Voltage 1–100MHz
25°C
2.3
nV/
√Hz
iN@ > 100kHz
Noise Current 100k–100MHz
25°C
3.2
pA/
√Hz
1. Measured from TMIN, TMAX.
2. ±VCC = ±4.5V to 5.5V.
3. ±VIN = ±2.5V, VOUT = 0V
Open Loop DC Electrical Characteristics (Continued)
VS = ±5V, RL = 100Ω, unless otherwise specified
Parameter
Description
Test Conditions
Temp
Min
Typ
Max
Unit
Closed Loop AC Electrical Characteristics
VS = ±5V, AV = +1, Rf = 0Ω, RL = 100Ω unless otherwise specified
Parameter
Description
Test Conditions
Temp
Min
Typ
Max
Unit
SSBW
-3dB Bandwidth
(VOUT = 0.4VPP)
AV = +1
25°C
150
300
MHz
AV = -1
25°C
200
MHz
AV = +2
25°C
150
200
MHz
TMIN, TMAX
125
MHz
AV = +5
25°C
40
MHz
AV = +10
25°C
20
MHz
GBWP
Gain-Bandwidth Product
AV = +10
25°C
200
MHz
LSBWa
-3dB Bandwidth
VOUT = 2VPP [1]
All
50
85
MHz
LSBWb
-3dB Bandwidth
VOUT = 5VPP [1]
All
11
16
MHz
GFPL
Peaking (<50MHz)
VOUT = 0.4VPP
25°C
0
0.5
dB
TMIN, TMAX
0.5
dB
GFPH
Peaking (>50MHz)
VOUT = 0.4VPP
25°C
1
3
dB
TMIN, TMAX
3
dB
GFR
Rolloff (<100MHz)
VOUT = 0.4VPP
25°C
0.1
0.5
dB
TMIN, TMAX
0.5
dB
LPD
Linear Phase Deviation (<100MHz)
VOUT = 0.4VPP
All
1
1.8
°
PM
Phase Margin
AV = +1
25°C
60
°
tr1, tf1
Rise Time, Fall Time
0.4V Step, AV = +2
25°C
2
ns
tr2, tf2
Rise Time, Fall Time
5V Step, AV = +2
25°C
15
ns
ts1
Settling to 0.1% (AV = -1)
2V Step
25°C
13
ns
ts2
Settling to 0.01% (AV = -1)
2V Step
25°C
25
ns
OS
Overshoot
2V Step
25°C
5
%
SR
Slew Rate
2V Step
All
175
250
V/µs
DISTORTION [2]
HD2a
2nd Harmonic Distortion
@ 10MHz, AV = +2
25°C
-65
-55
dBc
HD2b
2nd Harmonic Distortion
@ 20MHz, AV = +1
25°C
-60
-50
dBc
HD2c
2nd Harmonic Distortion
@ 20MHz, AV = +2
25°C
-55
-50
dBc
TMIN, TMAX
-45
dBc
HD3a
3rd Harmonic Distortion
@ 10MHz, AV = +2
25°C
-72
-60
dBc
HD3b
3rd Harmonic Distortion
@ 20MHz, AV = +1
25°C
-70
-55
dBc
HD3c
3rd Harmonic Distortion
@ 20MHz, AV = +2
25°C
-70
-60
dBc
TMIN, TMAX
-60
dBc


Similar Part No. - EL2073

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
EL2073CN INTERSIL-EL2073CN Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
EL2073CS INTERSIL-EL2073CS Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
More results

Similar Description - EL2073

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com