Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9351L-V-AX Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9351L-V-AX
Description  HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9351L-V-AX Datasheet(HTML) 5 Page - California Eastern Labs

  PS9351L-V-AX Datasheet HTML 1Page - California Eastern Labs PS9351L-V-AX Datasheet HTML 2Page - California Eastern Labs PS9351L-V-AX Datasheet HTML 3Page - California Eastern Labs PS9351L-V-AX Datasheet HTML 4Page - California Eastern Labs PS9351L-V-AX Datasheet HTML 5Page - California Eastern Labs PS9351L-V-AX Datasheet HTML 6Page - California Eastern Labs PS9351L-V-AX Datasheet HTML 7Page - California Eastern Labs PS9351L-V-AX Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ELECTRICAL CHARACTERISTICS (TA = −40 to +100°C, VDD = 4.5 to 5.5 V, unless otherwise
specified)
Parameter
Symbol
Conditions
MIN.
TYP. *1
MAX.
Unit
Forward Voltage
VF
IF = 10 mA, TA = 25°C
1.2
1.56
1.8
V
Reverse Current
IR
VR = 3 V, TA = 25°C
10
μ
A
Diode
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25°C
30
pF
High Level Supply Current
IDDH
IF
5
5
.
2
A
m
0
=
Low Level Supply Current
IDDL
IF
5
2
A
m
0
1
=
mA
High Level Output Voltage
VOH
IO = −20 μA, IF = 0 mA
4.0
5.0
Detector
Low Level Output Voltage *2
VOL
IO = 20 μA, IF = 10 mA
0
0.1
V
Threshold Input Current
IFHL
VO
A
m
5
9
.
1
V
1
<
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25°C
1011
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25°C
0.7
pF
Propagation Delay Time
(H → L) *3
tPHL
0
6
0
3
Propagation Delay Time
(L → H) *3
tPLH
0
6
5
3
0
0
1
W
P
h
t
di
W
e
sl
u
P
Pulse Width Distortion
(PWD) *3
tPHL−tPLH
5
30
Propagation Delay Skew
tPSK
0
4
t
e
m
i
T
e
si
R
r
4
t
e
m
i
T
ll
a
F
f
IF = 10 mA, VDD = 5 V,
CL = 15 pF, CMOS Levels
4
ns
Common Mode
Transient Immunity at
High Level Output*4
CMH
VDD = 5 V, IF = 0 mA,
VCM = 1 kV, VO > 4 V, TA = 25°C
15
20
Coupled
Common Mode
Transient Immunity at
Low Level Output*4
CML
VDD = 5 V, IF = 10 mA,
VCM = 1 kV, VO < 1 V, TA = 25°C
15
20
kV/μs
*1 Typical values at TA = 25°C
*2 Because VOL of 2 V or more may be output when LED current input and when output supply, it is important to
confirm the characteristics (operation with the power supply on and off) during design, before using this device.
PS9351L,PS9351L2
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9351L-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9351L RENESAS-PS9351L Datasheet
165Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Apr 24, 2015
PS9351L2 RENESAS-PS9351L2 Datasheet
165Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8mm CREEPAGE 6-PIN SDIP PHOTOCOUPLER
Apr 24, 2015
More results

Similar Description - PS9351L-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9851-1 RENESAS-PS9851-1_15 Datasheet
278Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9851-1_V1 CEL-PS9851-1_V1 Datasheet
259Kb / 15P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9851-1 CEL-PS9851-1 Datasheet
394Kb / 13P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
NEC
PS9851-1 NEC-PS9851-1 Datasheet
91Kb / 10P
   HIGH NOISE REDUCTION, 15 Mbps CMOS OUTPUT TYPE 8-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS8821-1 CEL-PS8821-1_1 Datasheet
444Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
1Mb / 6P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8821-1 CEL-PS8821-1 Datasheet
277Kb / 16P
   1 Mbps ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com