Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9821-1-V-F3-AX Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS9821-1-V-F3-AX
Description  HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9821-1-V-F3-AX Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS9821-1-V-F3-AX Datasheet HTML 2Page - California Eastern Labs PS9821-1-V-F3-AX Datasheet HTML 3Page - California Eastern Labs PS9821-1-V-F3-AX Datasheet HTML 4Page - California Eastern Labs PS9821-1-V-F3-AX Datasheet HTML 5Page - California Eastern Labs PS9821-1-V-F3-AX Datasheet HTML 6Page - California Eastern Labs PS9821-1-V-F3-AX Datasheet HTML 7Page - California Eastern Labs PS9821-1-V-F3-AX Datasheet HTML 8Page - California Eastern Labs PS9821-1-V-F3-AX Datasheet HTML 9Page - California Eastern Labs PS9821-1-V-F3-AX Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PS9821-1,-2
ELECTRICAL CHARACTERISTICS (1/2) (TA =
−40 to +85°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.4
1.65
1.8
V
Reverse Current
IR
VR = 3.0 V, TA = 25
°C
10
μA
Terminal Capacitance
Ct
VF = 0 V, f = 1 MHz, TA = 25
°C
30
pF
Detector
High Level Output Current
IOH
VCC = VO = 3.3 V, IF = 0.8 mA
1
80
μA
VCC = VO = 5.5 V, IF = 0.8 mA
1
*2
Low Level Output Voltage
*3
VOL
VCC = 3.3 V, IF = 5.0 mA, IOL = 13 mA
0.2
0.6
V
VCC = 5.5 V, IF = 5.0 mA, IOL = 13 mA
0.2
*2
High Level Supply Current
ICCH
VCC = 3.3 V, IF = 0 mA, VO = open
4
7
mA
(PS9821-1)
VCC = 5.5 V, IF = 0 mA, VO = open
5
*2
High Level Supply Current
VCC = 3.3 V, IF = 0 mA, VO = open
8
14
(PS9821-2)
VCC = 5.5 V, IF = 0 mA, VO = open
10
*2
Low Level Supply Current
ICCL
VCC = 3.3 V, IF = 10 mA, VO = open
7
10
(PS9821-1)
VCC = 5.5 V, IF = 10 mA, VO = open
9
*2
Low Level Supply Current
VCC = 3.3 V, IF = 10 mA, VO = open
14
20
(PS9821-2)
VCC = 5.5 V, IF = 10 mA, VO = open
18
*2
Coupled
Threshold Input Current
IFHL
VCC = 3.3 V, VO = 0.8 V, RL = 350
Ω
2.5
5
mA
(H
→ L)
VCC = 5 V, VO = 0.8 V, RL = 350
Ω
2.5
*2
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
11
Ω
Insulation Resistance
(Input-Input), (PS9821-2)
RI-I
VI-I = 1 kVDC, RH = 40 to 60%,
TA = 25
°C
10
10
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C
0.6
pF
Insulation Capacitance
(Input-Input), (PS9821-2)
CI-I
V = 0 V, f = 1 MHz, TA = 25
°C
0.3
pF
Propagation Delay Time
tPHL
TA = 25
°C
45
75
ns
(H
→ L) *4
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
100
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
38
*2
Propagation Delay Time
tPLH
TA = 25
°C
50
75
(L
→ H) *4
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
100
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
43
*2
Rise Time
tr
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
20
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
20
*2
Fall Time
tf
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
5
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
5
*2
Pulse Width Distortion (PWD)
*4
⎪tPLH−tPHL⎪ VCC = 3.3 V, RL = 350 Ω, IF = 7.5 mA
5
35
VCC = 5 V, RL = 350
Ω, IF = 7.5 mA
5
*2
Propagation Delay Skew
tPSK
VCC = 3.3 V, RL = 350
Ω, IF = 7.5 mA
40
Data Sheet PN10471EJ04V0DS
6


Similar Part No. - PS9821-1-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9821-1-V-F3-AX RENESAS-PS9821-1-V-F3-AX Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
More results

Similar Description - PS9821-1-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS9814-1 CEL-PS9814-1 Datasheet
599Kb / 12P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS8802-1 RENESAS-PS8802-1_15 Datasheet
297Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1_04 Datasheet
216Kb / 13P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802-1 CEL-PS8802-1_07 Datasheet
415Kb / 15P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com