Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2073C Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2073C
Description  200MHz Unity-Gain Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2073C Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2073C Datasheet HTML 3Page - Elantec Semiconductor EL2073C Datasheet HTML 4Page - Elantec Semiconductor EL2073C Datasheet HTML 5Page - Elantec Semiconductor EL2073C Datasheet HTML 6Page - Elantec Semiconductor EL2073C Datasheet HTML 7Page - Elantec Semiconductor EL2073C Datasheet HTML 8Page - Elantec Semiconductor EL2073C Datasheet HTML 9Page - Elantec Semiconductor EL2073C Datasheet HTML 10Page - Elantec Semiconductor EL2073C Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
EL2073C
200MHz Unity-Gain Stable Operational Amplifier
Small Signal Transient Response
Large Signal Transient Response
Differential Gain and Phase vs DC
Input Offset at 3.58MHz
Differential Gain and Phase vs
DC Input Offset at 4.43MHz
Differential Gain and Phase vs
DC Input Offset at 30MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 30MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 4.43MHz
Differential Gain and
Phase vs Number of
150
Ω Loads at 3.58MHz


Similar Part No. - EL2073C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2073CN INTERSIL-EL2073CN Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
EL2073CS INTERSIL-EL2073CS Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
More results

Similar Description - EL2073C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
ISL55004IB INTERSIL-ISL55004IB Datasheet
512Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
July 27, 2006
ISL55004 INTERSIL-ISL55004_06 Datasheet
508Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Renesas Technology Corp
ISL55004 RENESAS-ISL55004 Datasheet
800Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
ISL55002 RENESAS-ISL55002 Datasheet
815Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
ISL55002 INTERSIL-ISL55002_06 Datasheet
530Kb / 12P
   High Supply Voltage 200MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2224 ELANTEC-EL2224 Datasheet
719Kb / 10P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com