Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9617L Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9617L
Description  HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9617L Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9617L Datasheet HTML 4Page - California Eastern Labs PS9617L Datasheet HTML 5Page - California Eastern Labs PS9617L Datasheet HTML 6Page - California Eastern Labs PS9617L Datasheet HTML 7Page - California Eastern Labs PS9617L Datasheet HTML 8Page - California Eastern Labs PS9617L Datasheet HTML 9Page - California Eastern Labs PS9617L Datasheet HTML 10Page - California Eastern Labs PS9617L Datasheet HTML 11Page - California Eastern Labs PS9617L Datasheet HTML 12Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
PS9617,PS9617L
VCC = 5.0 V,
VO = 0.8 V
5
4
3
2
1
0
100
80
60
40
20
0
–50
–25
0
25
50
75
100
–50
–25
0
25
50
75
100
1.0 k
RL = 350
4.0 k
Ambient Temperature TA (˚C)
THRESHOLD INPUT CURRENT vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
IF = 7.5 mA,
VCC = 5.0 V
RL = 350
tPHL
tPLH
20
15
12.5
17.5
10
7.5
5
–50
–25
0
25
50
75
100
VCC = 5.0 V
100
80
60
40
20
0
80
70
60
50
40
30
20
10
tPLH: RL = 4.0 k
tPLH: RL = 350
Ambient Temperature TA (˚C)
SWITCHING TIME vs.
AMBIENT TEMPERATURE
Forward Current IF (mA)
PROPAGATION DELAY TIME vs.
FORWARD CURRENT
IF = 7.5 mA,
VCC = 5.0 V
RL = 350
tr
tf
|tPHL–tPLH|
tPLH: RL = 1.0 k
tPHL: RL = 350
1.0 k
4.0 k
tPHL, tPLH, tPHL–tPLH vs.
AMBIENT TEMPERATURE
Remark The graphs indicate nominal characteristics.
Data Sheet PN10568EJ01V0DS
8


Similar Part No. - PS9617L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS9617L ETC1-PS9617L Datasheet
393Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9617L RENESAS-PS9617L Datasheet
264Kb / 15P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
logo
List of Unclassifed Man...
PS9617L-A ETC1-PS9617L-A Datasheet
393Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9617L-E3 ETC1-PS9617L-E3 Datasheet
393Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
PS9617L-E3-A ETC1-PS9617L-E3-A Datasheet
393Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9617L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9614 RENESAS-PS9614 Datasheet
274Kb / 16P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
PS9617 RENESAS-PS9617 Datasheet
264Kb / 15P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
April 1st, 2010
logo
List of Unclassifed Man...
PS9617 ETC1-PS9617 Datasheet
393Kb / 12P
   HIGH NOISE REDUCTION, HIGH SPEED DIGITAL OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
   HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS9614 CEL-PS9614 Datasheet
216Kb / 7P
   NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
logo
NEC
PS9614 NEC-PS9614 Datasheet
130Kb / 7P
   NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER
PS9611 NEC-PS9611 Datasheet
82Kb / 5P
   HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9611 CEL-PS9611 Datasheet
414Kb / 12P
   HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com