Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCA3000-E01-1 Datasheet(PDF) 8 Page - VTI technologies

Part # SCA3000-E01-1
Description  Product Family Specification
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA3000-E01-1 Datasheet(HTML) 8 Page - VTI technologies

Back Button SCA3000-E01-1 Datasheet HTML 4Page - VTI technologies SCA3000-E01-1 Datasheet HTML 5Page - VTI technologies SCA3000-E01-1 Datasheet HTML 6Page - VTI technologies SCA3000-E01-1 Datasheet HTML 7Page - VTI technologies SCA3000-E01-1 Datasheet HTML 8Page - VTI technologies SCA3000-E01-1 Datasheet HTML 9Page - VTI technologies SCA3000-E01-1 Datasheet HTML 10Page - VTI technologies SCA3000-E01-1 Datasheet HTML 11Page - VTI technologies SCA3000-E01-1 Datasheet HTML 12Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
SCA3000 Series
VTI Technologies Oy
8/ 43
www.vti.fi
Doc.Nr. 8257300A.07
Rev.A.07
Table 2. Available measurement modes for SCA3000.
Available measurement
modes
SCA3000-D01
SCA3000-D02
SCA3000-E01
SCA3000-E02
SCA3000-E04
SCA3000-E05
Default after power-on
or reset
Measurement
mode
Measurement
mode
Measurement
mode
Measurement
mode
Optional measurement
mode 1
Bypass
measurement
mode
Narrow band
measurement
mode
Narrow band
measurement
mode
Narrow band
measurement
mode
Optional measurement
mode 2
Not available
Not available
Wide band
measurement
mode
Wide band
measurement
mode
2.2.1.1
Bypass measurement mode
In bypass measurement mode, the signal bandwidth of the SCA3000 is extended by bypassing the
low-pass filter in signal channel. As a result of a wider measurement bandwidth, the noise level is
higher.
2.2.1.2
Narrow band measurement mode
In narrow band measurement mode, the signal bandwidth of the SCA3000 is reduced by increasing
low-pass filtering in signal channel. In addition, the output data rate is halved due to decimation. As
a result of a narrower signal bandwidth, the noise level is lower.
2.2.1.3
Wide band measurement mode
In wide band measurement mode, the SCA3000 signal channel low-pass filtering pass band is
widened. As a result of a wider measurement bandwidth, the noise level is higher.
2.2.2
Usage
The optional measurement modes can be enabled by setting the bits called MODE_BITS in MODE
register to "010" or "001". See section 3.4 for MODE register details.
Acceleration data can be read from data output registers X_LSB, X_MSB, Y_LSB, Y_MSB, Z_LSB
and Z_MSB in all measurement modes. Each of these registers can be read one by one or using
the decrement register read, which is described in section 4.1.3.2 for SPI and 4.2.1.3 for I
2C
interface. See section 3.3 for output register details.
2.2.2.1
Overflow condition
Since acceleration data registers have no limiter, the possible overflow needs to be detected using
bits [B7, B6, B5]. If bits [B7, B6, B5] are ‘011’ or ‘100’, data overflow has occurred (see Table 3).
This applies for all acceleration output registers (X_LSB … Z_MSB and BUF_DATA).
Table 3. Overflow bit patterns in acceleration data registers (X_LSB … Z_MSB and BUF_DATA).
Byte
MSB byte
LSB byte
Bit number
Acceleration data bit
B7
Sign
B6
d11
B5
d10
B4
d9
B3
d8
B2
d7
B1
d6
B0
d5
B7
d4
B6
d3
B5
d2
B4
d1
B3
d0
B2:B0
Data overflow on
positive acceleration
0
1
1
x
x
x
x
x
x
x
x
x
x
xxx
Data overflow on
negative
acceleration
1
0
0
x
x
x
x
x
x
x
x
x
x
xxx
x = ignore
In case of overflow, the output register value must be discarded. When an overflow is detected, the
bit pattern ‘0101 1111 1111 1xxx’ is used for positive accelerations and ‘1010 0000 0000 0xxx’ for


Similar Part No. - SCA3000-E01-1

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA3000-E01 VTI-SCA3000-E01 Datasheet
204Kb / 4P
   3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results

Similar Description - SCA3000-E01-1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KLM8G1GETF-B041 SAMSUNG-KLM8G1GETF-B041 Datasheet
424Kb / 28P
   Samsung eMMC Product family eMMC 5.1 Specification compatibility
Revision 1.21 Jul. 10, 2017
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com