Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2045C Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2045C
Description  Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2045C Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2045C Datasheet HTML 3Page - Elantec Semiconductor EL2045C Datasheet HTML 4Page - Elantec Semiconductor EL2045C Datasheet HTML 5Page - Elantec Semiconductor EL2045C Datasheet HTML 6Page - Elantec Semiconductor EL2045C Datasheet HTML 7Page - Elantec Semiconductor EL2045C Datasheet HTML 8Page - Elantec Semiconductor EL2045C Datasheet HTML 9Page - Elantec Semiconductor EL2045C Datasheet HTML 10Page - Elantec Semiconductor EL2045C Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EL2045C
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
Typical Performance Curves
(TA e 25 C Rf e 1kX Cf e 3 pF RL e 1000X AV ea2 unless otherwise specified)
Contd
Short-Circuit Current
vs Temperature
Gain-Bandwidth Product
vs Load Capacitance
Overshoot vs
Load Capacitance
2045 – 5
Small-Signal
Step Response
2045 – 6
Large-Signal
Step Response
2045 – 7
Offset at 358 MHz
Phase vs DC Input
Differential Gain and
Offset at 443 MHz
Phase vs DC Input
Differential Gain and
150X Loads at 358 MHz
Phase vs Number of
Differential Gain and
150X Loads at 443 MHz
Phase vs Number of
Differential Gain and
vs Ambient Temperature
Maximum Power Dissipation
8-Pin Plastic DIP
vs Ambient Temperature
Maximum Power Dissipation
8-Lead SO
2045 – 8
7


Similar Part No. - EL2045C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2045CN INTERSIL-EL2045CN Datasheet
279Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Renesas Technology Corp
EL2045CN RENESAS-EL2045CN Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045CS INTERSIL-EL2045CS Datasheet
279Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Renesas Technology Corp
EL2045CS RENESAS-EL2045CS Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045CS-T13 INTERSIL-EL2045CS-T13 Datasheet
279Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
More results

Similar Description - EL2045C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
   Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
EL2074 INTERSIL-EL2074 Datasheet
227Kb / 10P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2074C ELANTEC-EL2074C Datasheet
400Kb / 12P
   400MHz GBWP Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2075 INTERSIL-EL2075 Datasheet
174Kb / 8P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Elantec Semiconductor
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
   2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Texas Instruments
OPA607 TI1-OPA607_V01 Datasheet
915Kb / 28P
[Old version datasheet]   OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI1-OPA607 Datasheet
562Kb / 21P
[Old version datasheet]   OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com