Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2020CM Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL2020CM
Description  50 MHz Current Feedback Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2020CM Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL2020CM Datasheet HTML 6Page - Elantec Semiconductor EL2020CM Datasheet HTML 7Page - Elantec Semiconductor EL2020CM Datasheet HTML 8Page - Elantec Semiconductor EL2020CM Datasheet HTML 9Page - Elantec Semiconductor EL2020CM Datasheet HTML 10Page - Elantec Semiconductor EL2020CM Datasheet HTML 11Page - Elantec Semiconductor EL2020CM Datasheet HTML 12Page - Elantec Semiconductor EL2020CM Datasheet HTML 13Page - Elantec Semiconductor EL2020CM Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
EL2020C
50 MHz Current Feedback Amplifier
Application Information
Theory of Operation
The EL2020 has a unity gain buffer similar to the
EL2003 from the non-inverting input to the in-
verting input The error signal of the EL2020 is a
current flowing into (or out of) the inverting in-
put
A very small change in current flowing
through the inverting input will cause a large
change in the output voltage This current ampli-
fication is the transresistance (ROL)ofthe
EL2020
VOUT e ROL
IINV
Since ROL is
very large (
106) the current flowing into the
inverting input in the steady state (non-slewing)
condition is very small
Therefore we can still use op-amp assumptions as
a first order approximation for circuit analysis
namely that
1 The voltage across the inputs
0 and
2 The current into the inputs is
0
Simplified Block Diagram of EL2020
2020 – 10
Resistor Value Selection and
Optimization
The value of the feedback resistor (and an inter-
nal capacitor) sets the AC dynamics of the
EL2020 A nominal value for the feedback resis-
tor is 1 k
X which is the value used for produc-
tion testing This value guarantees stability For
a given gain the bandwidth may be increased by
decreasing the feedback resistor and conversely
the bandwidth will be decreased by increasing
the feedback resistor
Reducing the feedback resistor too much will re-
sult in overshoot and ringing and eventually os-
cillations Increasing the feedback resistor results
in a lower b3 dB frequency Attenuation at high
frequency is limited by a zero in the closed loop
transfer function which results from stray capaci-
tance between the inverting input and ground
Power Supplies
The EL2020 may be operated with single or split
power supplies as low as g3V (6V total) to as
high as g18V (36V total) The slew rate degrades
significantly for supply voltages less than g5V
(10V total) but the bandwidth only changes 25%
for supplies from g3V to g18V It is not neces-
sary to use equal value split power supplies ie
b
5V and a12V would be excellent for 0V to 1V
video signals Bypass capacitors from each sup-
ply pin to a ground plane are recommended The
EL2020 will not oscillate even with minimal by-
passing however the supply will ring excessively
with inadequate capacitance To eliminate supply
ringing and the errors it might cause a 47
mF
tantalum capacitor with short leads is recom-
mended for both supplies Inadequate supply by-
passing can also result in lower slew rate and
longer settling times
Non-Inverting Amplifier
2020 – 11
EL2020 Typical Non-Inverting
Amplifier Characteristics
10V
AV
RF
RG
Bandwidth
Settling Time
1%
01%
a
1
820
X
None
50 MHz
50 ns
90 ns
a
2
750
X
750
X
50 MHz
50 ns
100 ns
a
5
680
X
170
X
50 MHz
50 ns
200 ns
a
10
680
X
76
X
30 MHz
55 ns
280 ns
10


Similar Part No. - EL2020CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2020CM INTERSIL-EL2020CM Datasheet
257Kb / 14P
   50MHz Current Feedback Amplifier
More results

Similar Description - EL2020CM

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2020D ELANTEC-EL2020D Datasheet
422Kb / 2P
   50 MHz Current Feedback Amplifier
logo
Analog Devices
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002_01 Datasheet
372Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8002 AD-AD8002 Datasheet
351Kb / 18P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8002ARZ AD-AD8002ARZ Datasheet
373Kb / 20P
   Dual 600 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com