Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC94161 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC94161
Description  3A High-Side Load Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94161 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC94161 Datasheet HTML 2Page - Micrel Semiconductor MIC94161 Datasheet HTML 3Page - Micrel Semiconductor MIC94161 Datasheet HTML 4Page - Micrel Semiconductor MIC94161 Datasheet HTML 5Page - Micrel Semiconductor MIC94161 Datasheet HTML 6Page - Micrel Semiconductor MIC94161 Datasheet HTML 7Page - Micrel Semiconductor MIC94161 Datasheet HTML 8Page - Micrel Semiconductor MIC94161 Datasheet HTML 9Page - Micrel Semiconductor MIC94161 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
MIC94161/2/3/4/5
March 14, 2014
6
Revision 1.1
Typical Characteristics
0
5
10
15
20
25
30
35
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
On Resistance
vs. Temperature
V
IN = 2.7V
V
IN = 1.7V
V
IN = 3.6V
V
IN = 5.5V
I
OUT = 3A
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
10000
OUTPUT CURRENT (mA)
Voltage Drop
vs. Output Current
V
IN = 5.5V
V
IN = 3.6V
V
IN = 1.7V
5
10
15
20
25
30
35
40
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
RDSON
vs. Input Voltage
T = 25°C
400
450
500
550
600
650
700
750
800
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Enable Threshold vs.
Input Voltage (MIC94162/3/4/5)
T = 25°C
500
550
600
650
700
750
800
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Enable Threshold vs.
Temperature (MIC94162/3/4/5)
V
IN = 3.6V
1.27
1.28
1.29
1.3
1.31
1.32
1.33
1.34
1.35
1.5
2
2.5
3
3.5
4
4.5
5
INPUT VOLTAGE (V)
Enable Threshold vs.
Input Voltage (MIC94161)
0
10
20
30
40
50
60
1.5
2
2.5
3
3.5
4
4.5
5
5.5
QUIESCENT CURRENT (µA)
Quiescent Current vs.
Input Voltage (MIC94161)
V
EN = 1.5V
0
10
20
30
40
50
60
70
80
1.5
2
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Quiescent vs.
Input Voltage (MIC94162/3)
V
EN = 1.5V
0
5
10
15
20
25
30
35
40
45
1.5
2
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Quiescent vs.
Input Voltage (MIC94164/5)
V
EN = 1.5V


Similar Part No. - MIC94161

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94161 MICREL-MIC94161 Datasheet
742Kb / 12P
   3A High-Side Load Switch with Reverse Blocking
MIC94161YCS MICREL-MIC94161YCS Datasheet
742Kb / 12P
   3A High-Side Load Switch with Reverse Blocking
More results

Similar Description - MIC94161

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9416X MICREL-MIC9416X Datasheet
742Kb / 12P
   3A High-Side Load Switch with Reverse Blocking
logo
Anpec Electronics Corop...
APL3580 ANPEC-APL3580 Datasheet
223Kb / 14P
   33mW 3A High Side Load Switches
logo
Torex Semiconductor
XC8101 TOREX-XC8101_15 Datasheet
705Kb / 37P
   High Side Load Switch
logo
IC-Haus GmbH
IC-HGP ICHAUS-IC-HGP Datasheet
861Kb / 20P
   3A HIGH-SIDE LASER SWITCH
logo
ON Semiconductor
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
   3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
logo
Micrel Semiconductor
MIC94040 MICREL-MIC94040 Datasheet
1Mb / 13P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF package
MIC94044 MICREL-MIC94044 Datasheet
431Kb / 9P
   28m廓 RDSON 3A High Side Load Switch in 1.2mm x 1.2mm MLF짰 Package
logo
Vishay Siliconix
SIP4613A VISHAY-SIP4613A Datasheet
510Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 06-Oct-08
SIP4612A VISHAY-SIP4612A_V01 Datasheet
404Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
SIP4612A VISHAY-SIP4612A Datasheet
376Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 24-Apr-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com