Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2004MIL Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2004MIL
Description  350 MHz FET Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2004MIL Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2004MIL Datasheet HTML 3Page - Elantec Semiconductor EL2004MIL Datasheet HTML 4Page - Elantec Semiconductor EL2004MIL Datasheet HTML 5Page - Elantec Semiconductor EL2004MIL Datasheet HTML 6Page - Elantec Semiconductor EL2004MIL Datasheet HTML 7Page - Elantec Semiconductor EL2004MIL Datasheet HTML 8Page - Elantec Semiconductor EL2004MIL Datasheet HTML 9Page - Elantec Semiconductor EL2004MIL Datasheet HTML 10Page - Elantec Semiconductor EL2004MIL Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
EL2004EL2004C
350 MHz FET Buffer
Applications Information
The EL2004 is one member of a family of high
performance buffers manufactured by Elantec
The 2004 is optimized for speed while others offer
choices of input DC parameters or output drive
or cost
The following table illustrates those
members available at the time of this printing
Consult the factory for the latest capabilities in
this developing line
Elantec’s Buffer Family
Slew
Bandwidth
Input
Peak
Rise
Part
Rate
MHz
Current
IOUT
Time
V ms
(Warm)
mA
ns
ELH0002
200
50
6
mA
400
7
ELH0033
1500
100
25 nA
250
29
EL2004
2500
350
25 nA
250
10
EL2005
1500
140
01 nA
250
25
Recommended Layout Precautions
The very high-speed performance of the EL2004
can only be realized by taking certain precau-
tions in circuit layout and power supply decou-
pling Low inductance ceramic chip or disc power
supply decoupling capacitors of 01
mF or more
should be connected with the shortest practical
lead lengths between the device supply leads and
a ground plane In addition it can be helpful to
parallel these with 47
mF electrolytics (Tanta-
lum preferred) Failure to follow these precau-
tions can result in oscillation
Circuit Operation
The EL2004 is effectively an ideal unity gain am-
plifier with almost infinite input impedance and
about 6
X output impedance
Input Characteristics
The input impedance of a junction FET is a
strong function of temperature and input volt-
age Nominal input resistance of EL2004 is 1012
at 25 C junction but as IB doubles every 11 Cin
the JFET
the input resistance falls
During
warm-up self-heating raises the junction temper-
ature up to 60 C or more (without heatsink) so
operating IB will be much higher than the data
sheet 25 C specification
Another factor which can increase bias current is
input voltage If the input voltage is more than
20V below the positive supply the input current
rises exponentially (See Curve)
Input Bias Current vs
Temperature
Input Voltage
Input Bias Current vs
2004 – 9
In applications such as sample and hold circuits
where it is important to maintain low input bias
current over input voltage range the EL2005
High Accuracy Fast Buffer is recommended
The input capacitance of EL2004 comprises the
FET device gate-to-source capacitance (which is
a function of input voltage) and stray capaci-
tance to the case Effective input capacitance can
be minimized by connecting the case to the out-
put since it is electrically isolated Or for reduced
radiation the case may be grounded The AC
characteristics specified in this data sheet were
obtained with the case floating
Offset Voltage Adjustment
The EL2004’s offset voltages have been actively
laser trimmed at g15V supplies to meet specified
limits when the offset adjust pin is shorted to the
offset preset pin If external offset null is re-
quired the offset adjust pin should be connected
to a 200
X trim pot connected to the negative sup-
ply
7


Similar Part No. - EL2004MIL

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EL200 AXIOMTEK-EL200 Datasheet
481Kb / 3P
   10/100BASE-TX to 100BASE-BX WDM Media Converter
logo
Intersil Corporation
EL2001 INTERSIL-EL2001 Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
logo
Elantec Semiconductor
EL2001ACN ELANTEC-EL2001ACN Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
logo
Intersil Corporation
EL2001ACN INTERSIL-EL2001ACN Datasheet
222Kb / 6P
   Low Power, 70MHz Buffer Amplifier
logo
Elantec Semiconductor
EL2001C ELANTEC-EL2001C Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
More results

Similar Description - EL2004MIL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856271 TRIQUINT-856271 Datasheet
589Kb / 5P
   350 MHz SAW Filter
logo
KR Electronics, Inc.
2874-SMA KR-2874-SMA Datasheet
50Kb / 2P
   350 MHz Center Frequency
3288-SMA KR-3288-SMA Datasheet
98Kb / 3P
   350 MHz Bandpass Filter
logo
Yantel Corporation
DC0410U20-060 YANTEL-DC0410U20-060 Datasheet
303Kb / 4P
   Directional Coupler 350 MHz-470 MHz
logo
TriQuint Semiconductor
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
   350 MHz SAW Filter
855399 TRIQUINT-855399 Datasheet
597Kb / 5P
   350 MHz SAW Filter
logo
KR Electronics, Inc.
3093 KR-3093 Datasheet
105Kb / 3P
   350 MHz Bandpass Filter
logo
TriQuint Semiconductor
855399 TRIQUINT-855399_15 Datasheet
626Kb / 5P
   350 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0164A TAI-SAW-TB0164A Datasheet
316Kb / 5P
   SAW Filter 350 MHz
logo
RF Monolithics, Inc
SF1090A RFM-SF1090A Datasheet
171Kb / 6P
   350 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com