Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-Y Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # SF-Y
Description  Low-Profile Safety Relays
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

SF-Y Datasheet(HTML) 1 Page - Panasonic Battery Group

  SF-Y Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low-Profile Safety Relays
New SF-Y Series
Panasonic
New Product Introduction
Low-Profile Safety Relay with Forcibly-Guided Contacts for Safety Applications!
Panasonic, a worldwide leader in Relay Products, is pleased to re-introduce the
NEW SF-Y Series
Safety Relays. Featuring a short, 14.5mm profile and forcibly-guided contacts, the SF-Y Series meets
EN 50205, Type A safety standards enabling the detection of contact welding for the proper construction
of a safety circuit. The SF-Y Series is available in four contact configurations from 2 Form A / 2 Form B to
5 Form A / 1 Form B, covering a wide range of safety applications.
• Forcibly-Guided Contacts
• Small Size, with 14.5mm Profile
• Insulation is Compliant with EN 60664-1
• Multiple Contact Configurations Available
• RoHS Compliant
• Meets EN 50205, Type A Safety Standards
• Small Profile for More Compact Board Placement
• Excellent Overvoltage Protection
• Wide Application Coverage
• Industrial Machinery
• Elevators
• Emergency Stop Switches
• Safety Control Units
• Elevator Control
• Escalator Control
Website: www.panasonic.com/industrial
industrial@us.panasonic.com
1-800-344-2112
Copyright © 2013 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
SF-Y Series NPI, FY13-054-XXX
Features
Benefits
Industries
Applications
Part Number Information
RoHS
COMPLIANT
S F
Series
Contact
Arrangement
Coil
Voltage
2 2 Form A / 2 Form B
3 Form A / 1 Form B
3
4 Form A / 2 Form B
4
5 Form A / 1 Form B
5
21 21 VDC
Y
24 24 VDC
12 VDC
18 18 VDC
12
5 5 VDC
DC
V
2
5


Similar Part No. - SF-Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F0315-2 BOURNS-SF-0402F0315-2 Datasheet
189Kb / 5P
   SF-0402F Series - Fast Acting Surface Mount Fuses
REV. 04/21
SF-0402F050 BOURNS-SF-0402F050 Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F050 BOURNS-SF-0402F050 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402F050 BOURNS-SF-0402F050 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
More results

Similar Description - SF-Y

ManufacturerPart #DatasheetDescription
logo
SICK AG
UE43-2MF2D2 SICK-UE43-2MF2D2 Datasheet
327Kb / 6P
   SAFETY RELAYS
UE43-2MF3D2 SICK-UE43-2MF3D2 Datasheet
327Kb / 6P
   SAFETY RELAYS
UE43-3MF2D3 SICK-UE43-3MF2D3 Datasheet
362Kb / 5P
   SAFETY RELAYS
UE23-3MF2D2 SICK-UE23-3MF2D2 Datasheet
279Kb / 5P
   SAFETY RELAYS
UE43-4AR3D2 SICK-UE43-4AR3D2 Datasheet
309Kb / 6P
   SAFETY RELAYS
UE48-2OS3D2 SICK-UE48-2OS3D2 Datasheet
329Kb / 6P
   SAFETY RELAYS
MOC3ZA-KAZ33A3 SICK-MOC3ZA-KAZ33A3 Datasheet
401Kb / 5P
   SAFETY RELAYS
UE11-4DX2D30.5 SICK-UE11-4DX2D30.5 Datasheet
304Kb / 6P
   SAFETY RELAYS
UE12-2FG2D0 SICK-UE12-2FG2D0 Datasheet
266Kb / 5P
   SAFETY RELAYS
UE23-2MF2D3 SICK-UE23-2MF2D3 Datasheet
317Kb / 6P
   SAFETY RELAYS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com