Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2008C Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2008C
Description  55 MHz 1 Amp Buffer Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2008C Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2008C Datasheet HTML 1Page - Elantec Semiconductor EL2008C Datasheet HTML 2Page - Elantec Semiconductor EL2008C Datasheet HTML 3Page - Elantec Semiconductor EL2008C Datasheet HTML 4Page - Elantec Semiconductor EL2008C Datasheet HTML 5Page - Elantec Semiconductor EL2008C Datasheet HTML 6Page - Elantec Semiconductor EL2008C Datasheet HTML 7Page - Elantec Semiconductor EL2008C Datasheet HTML 8Page - Elantec Semiconductor EL2008C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
EL2008C
55 MHz 1 Amp Buffer Amplifier
BW
-3 dB Bandwidth
100 mV
10
25°C
55
V
MHz
CIN
Input Capacitance
25°C
25
V
pF
THD
25°C
1
I
%
1. Force the input to +12V and the output to +10V and measure the output current. Repeat with -12V and -10V on the output.
2. VS = ±4.5V then VS is changed to ±18V.
3. VS+ = +15V, VS- = -4.5V then VS - is changed to -18V and VS- = -15V, VS+ = +4.5V then VS+ is changed to +18V.
4. Slew Rate is measured between VOUT = +5V and -5V.
5. 7:Slew Rate is measured between VOUT = +2.5V and -2.5V.
Electrical Characteristics
VS = ±15V, RS = 50Ω, unless otherwise specified
Parameter
Description
Test Conditions
Limits
Test Level
Units
VIN
Load
Temp
Min
Typ
Max


Similar Part No. - EL2008C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2008CT INTERSIL-EL2008CT Datasheet
268Kb / 8P
   55MHz 1 Amp Buffer Amplifier
More results

Similar Description - EL2008C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2009C ELANTEC-EL2009C Datasheet
184Kb / 8P
   90 MHz 1 Amp Buffer Amplifier
logo
Intersil Corporation
EL2008 INTERSIL-EL2008 Datasheet
268Kb / 8P
   55MHz 1 Amp Buffer Amplifier
logo
M.S. Kennedy Corporatio...
MSK0002 MSK-MSK0002 Datasheet
289Kb / 5P
   HIGH SPEED, BUFFER AMPLIFIER AMP
logo
Tyco Electronics
MAAMSS0005 MACOM-MAAMSS0005 Datasheet
153Kb / 5P
   LO Buffer Amplifier 900 - 2000 MHz
logo
Elantec Semiconductor
EL2002C ELANTEC-EL2002C Datasheet
302Kb / 12P
   Low Power, 180 MHz Buffer Amplifier
EL2001C ELANTEC-EL2001C Datasheet
278Kb / 12P
   Low Power, 70 MHz Buffer Amplifier
logo
Tyco Electronics
MAAM-007217 MACOM-MAAM-007217 Datasheet
142Kb / 4P
   LO Buffer Amplifier 900 - 2000 MHz
logo
Littelfuse
S8055MTP LITTELFUSE-S8055MTP Datasheet
865Kb / 9P
   55 Amp Standard SCRs
logo
HBH Microwave GmbH
HA0001 HBH-HA0001 Datasheet
17Kb / 1P
   1 - 150 MHz Amplifier
logo
Elantec Semiconductor
ELH0021K ELANTEC-ELH0021K Datasheet
240Kb / 8P
   1 Amp Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com