Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP35N055YUK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NP35N055YUK
Description  Product Scout Automotive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP35N055YUK Datasheet(HTML) 1 Page - Renesas Technology Corp

  NP35N055YUK Datasheet HTML 1Page - Renesas Technology Corp NP35N055YUK Datasheet HTML 2Page - Renesas Technology Corp NP35N055YUK Datasheet HTML 3Page - Renesas Technology Corp NP35N055YUK Datasheet HTML 4Page - Renesas Technology Corp NP35N055YUK Datasheet HTML 5Page - Renesas Technology Corp NP35N055YUK Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Scout Automotive
www.renesas.eu
2012.03


Similar Part No. - NP35N055YUK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP35N055YUK RENESAS-NP35N055YUK Datasheet
276Kb / 8P
   55 V – 35 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP35N055YUK-E1-AY RENESAS-NP35N055YUK-E1-AY Datasheet
276Kb / 8P
   55 V – 35 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP35N055YUK-E1-AY*1 RENESAS-NP35N055YUK-E1-AY*1 Datasheet
123Kb / 8P
   55 V ??35 A ??N-channel Power MOS FET Application: Automotive
NP35N055YUK-E2-AY RENESAS-NP35N055YUK-E2-AY Datasheet
276Kb / 8P
   55 V – 35 A – N-channel Power MOS FET Application: Automotive
May 24, 2018
NP35N055YUK-E2-AY*1 RENESAS-NP35N055YUK-E2-AY*1 Datasheet
123Kb / 8P
   55 V ??35 A ??N-channel Power MOS FET Application: Automotive
More results

Similar Description - NP35N055YUK

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8024 SONARDYNE-8024 Datasheet
135Kb / 2P
   Scout USBL Transceiver
logo
List of Unclassifed Man...
IN5240 ETC2-IN5240 Datasheet
1Mb / 8P
   Shock absorber INDIAN Scout
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F93-AJ6 AVX-F93-AJ6_15 Datasheet
206Kb / 4P
   Resin-Molded Chip - Automotive Product Range
logo
List of Unclassifed Man...
ES6230 ETC1-ES6230 Datasheet
60Kb / 4P
   Vibratto-II Automotive DVD Processor Product Brief
logo
ESS Technology,Inc
ES6218A ESS-ES6218A Datasheet
157Kb / 10P
   Vibratto-S Automotive DVD Processor Product Brief
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
74AHC08-Q100 NEXPERIA-74AHC08-Q100 Datasheet
716Kb / 14P
   Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com