Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC45205-2YMP Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC45205-2YMP
Description  26V/6A DC-to-DC Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45205-2YMP Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC45205-2YMP Datasheet HTML 2Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 3Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 4Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 5Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 6Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 7Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 8Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 9Page - Micrel Semiconductor MIC45205-2YMP Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Micrel, Inc.
MIC45205
Typical Characteristics
0
120
240
360
480
600
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN Operating Supply Current
vs. Temperature (MIC45205-1)
V
IN = 12V
V
OUT = 1.8V
I
OUT = 0A
f
SW = 600kHz
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VDD Supply Voltage
vs. Temperature
V
IN = 12V
V
OUT = 1.8V
I
OUT = 0A
0.0
0.4
0.8
1.2
1.6
2.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Enable Threshold
vs. Temperature
FALLING
RISING
V
IN = 12V
V
OUT = 1.8V
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
EN Bias Current
vs. Temperature
V
IN = 12V
V
OUT = 1.8V
I
OUT = 0A
0.5
0.6
0.7
0.8
0.9
1.0
1.1
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Feedback Voltage
vs. Temperature
V
IN = 12V
V
OUT = 1.8V
I
OUT = 0A
1.5
1.6
1.7
1.8
1.9
2.0
2.1
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Output Voltage
vs. Temperature
V
IN = 12V
V
OUT= 1.8V
I
OUT = 0A
300
400
500
600
700
800
900
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Switching Frequency
vs. Temperature
V
IN = 12V
V
OUT = 1.8V
I
OUT = 2A
0
2
4
6
8
10
12
14
16
18
20
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
Output Peak Current Limit
vs. Temperature
V
IN =12V
V
OUT = 1.8V
f
SW = 600kHz
April 15, 2014
6
Revision 1.0


Similar Part No. - MIC45205-2YMP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC45205-2YMP-T1 MICROCHIP-MIC45205-2YMP-T1 Datasheet
3Mb / 40P
   26V/6A DC/DC Power Module
Revision B (May 2022)
MIC45205-2YMP-TR MICROCHIP-MIC45205-2YMP-TR Datasheet
3Mb / 40P
   26V/6A DC/DC Power Module
Revision B (May 2022)
More results

Similar Description - MIC45205-2YMP

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
   26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
   26V/6A DC/DC Power Module
Revision B (May 2022)
logo
Micrel Semiconductor
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
   26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212_15 Datasheet
3Mb / 35P
   26V/14A DC-to-DC Power Module
MIC45208-1 MICREL-MIC45208-1 Datasheet
2Mb / 35P
   26V 10A DC-to-DC Power Module
logo
Microchip Technology
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
   26V, 10A DC-to-DC Power Module
09/14/21
logo
Micrel Semiconductor
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
   26V/14A DC-to-DC Power Module
logo
Microchip Technology
MIC45212-1 MICROCHIP-MIC45212-1 Datasheet
1Mb / 37P
   26V, 14A DC-to-DC Power Module
10/25/17
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
   20V/6A/DC-to-DC Power Module
logo
Microchip Technology
MIC45116 MICROCHIP-MIC45116 Datasheet
1Mb / 42P
   20V/6A DC/DC Power Module
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com