Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC28304-2YMP Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC28304-2YMP
Description  70V 3A Power Module
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304-2YMP Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC28304-2YMP Datasheet HTML 1Page - Micrel Semiconductor MIC28304-2YMP Datasheet HTML 2Page - Micrel Semiconductor MIC28304-2YMP Datasheet HTML 3Page - Micrel Semiconductor MIC28304-2YMP Datasheet HTML 4Page - Micrel Semiconductor MIC28304-2YMP Datasheet HTML 5Page - Micrel Semiconductor MIC28304-2YMP Datasheet HTML 6Page - Micrel Semiconductor MIC28304-2YMP Datasheet HTML 7Page - Micrel Semiconductor MIC28304-2YMP Datasheet HTML 8Page - Micrel Semiconductor MIC28304-2YMP Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Micrel, Inc.
MIC28304
Ordering Information
Part Number
Switching
Frequency
Features
Package
Junction
Temperature
Range
Lead
Finish
MIC28304-1YMP
200kHz to 600kHz
HyperLight Load
64-pin 12mm × 12mm QFN
–40°C to +125°C
Pb-Free
MIC28304-2YMP
200kHz to 600kHz
Hyper Speed Control
64-pin 12mm × 12mm QFN
–40°C to +125°C
Pb-Free
Pin Configuration
64-Pin 12mm × 12mm QFN (MP)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1, 2, 3, 54, 64
GND
Analog Ground. Ground for internal controller and feedback resistor network. The analog ground
return path should be separate from the power ground (PGND) return path.
4
ILIM
Current Limit Setting. Connect a resistor from SW (pin #4) to ILIM to set the over-current threshold
for the converter.
5, 60
VIN
Supply Voltage for Controller. The VIN operating voltage range is from 4.5V to 70V. A 0.47
μF
ceramic capacitor from VIN (pin # 60) to AGND is required for decoupling. The pin # 5 should be
externally connected to either PVIN or pin # 60 on PCB.
6, 40 to 48, 51
SW
Switch Node and Current-Sense Input. High current output driver return. The SW pin connects
directly to the switch node. Due to the high-speed switching on this pin, the SW pin should be routed
away from sensitive nodes. The SW pin also senses the current by monitoring the voltage across
the low-side MOSFET during OFF time.
March 25, 2014
2
Revision 1.1


Similar Part No. - MIC28304-2YMP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC28303 MICROCHIP-MIC28303 Datasheet
1Mb / 38P
   50V, 3A Power Module
07/14/15
logo
Micrel Semiconductor
MIC28303-1 MICREL-MIC28303-1 Datasheet
2Mb / 33P
   50V 3A Power Module
MIC28303-1YMP MICREL-MIC28303-1YMP Datasheet
2Mb / 33P
   50V 3A Power Module
logo
Microchip Technology
MIC28303-1YMP MICROCHIP-MIC28303-1YMP Datasheet
1Mb / 38P
   50V, 3A Power Module
07/14/15
logo
Micrel Semiconductor
MIC28303-2YMP MICREL-MIC28303-2YMP Datasheet
2Mb / 33P
   50V 3A Power Module
More results

Similar Description - MIC28304-2YMP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC28303 MICROCHIP-MIC28303 Datasheet
1Mb / 38P
   50V, 3A Power Module
07/14/15
logo
Micrel Semiconductor
MIC28303-1 MICREL-MIC28303-1 Datasheet
2Mb / 33P
   50V 3A Power Module
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
logo
Monolithic Power System...
MPM3530 MPS-MPM3530 Datasheet
1Mb / 20P
   55V, 3A, Step-Down Power Module
logo
Diodes Incorporated
DXTN26070CY DIODES-DXTN26070CY_15 Datasheet
254Kb / 7P
   70V NPN POWER SWITCHING TRANSISTOR IN SOT89
logo
OptoSupply Internationa...
OS4W7NE1E1EVER.1 OPTOSUPPLY-OS4W7NE1E1EVER.1 Datasheet
144Kb / 2P
   Xeon Power Pure White LED 1W 70V
OS5M7NE1E1EVER.1 OPTOSUPPLY-OS5M7NE1E1EVER.1 Datasheet
144Kb / 2P
   Xeon Power Pure White LED 1W 70V
logo
Diodes Incorporated
DXTN26070CY DIODES-DXTN26070CY Datasheet
249Kb / 7P
   70V NPN POWER SWITCHING TRANSISTOR IN SOT89
FZT792A DIODES-FZT792A_15 Datasheet
682Kb / 7P
   70V PNP MEDIUM POWER TRANSISTOR IN SOT223
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com