Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5399-GMYMX Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5399-GMYMX
Description  Low-Power Dual 300mA LDO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5399-GMYMX Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5399-GMYMX Datasheet HTML 1Page - Micrel Semiconductor MIC5399-GMYMX Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Micrel, Inc.
MIC5396/7/8/9
January 14, 2013
2
Revision 1.1
Absolute Maximum Ratings
Supply Voltage (VIN1, VIN2) ............................... –0.3V to +6V
Enable Voltage (VEN1, VEN2). .............................. –0.3V to VIN
Power Dissipation (PD) ..............................Internally Limited
Lead Temperature (soldering, 10sec.) ....................... 260°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating..................................................................... 3kV
Operating Ratings
Supply Voltage (VIN1, VIN2) .............................. +2.5V to 5.5V
Enable Voltage (VEN1, VEN2). ................................... 0V to VIN
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
1.2mm x 1.6mm Extra Thin DFN (
θ
JA).......... 172.6°C/W
Ordering Information
Part Number
(1)
Marking
Code
VOUT1/VOUT2
(1)
EN Discharge
Circuit
Output
Discharge
Circuit
Junction
Temperature
Range
MIC5396-GMYMX
RJ
1.8V/2.8V
––
–40
°C to +125°C
MIC5397-GPYMX
RZ
1.8V/3.0V
X
–40
°C to +125°C
MIC5398-P4YMX
RP
3.0V/1.2V
X
–40
°C to +125°C
MIC5399-SSYMX
RD
3.3V/3.3V
X
X
–40
°C to +125°C
MIC5399-SMYMX
1R
3.3V/2.8V
X
X
–40
°C to +125°C
MIC5399-SGYMX
RM
3.3V/1.8V
X
X
–40
°C to +125°C
MIC5399-MMYMX
2R
2.8V/2.8V
X
X
–40
°C to +125°C
MIC5399-GPYMX
(2)
3R
1.8V/3.0V
X
X
–40
°C to +125°C
MIC5399-GMYMX
4R
1.8V/2.8V
X
X
–40
°C to +125°C
Notes:
1.
Other voltages are available. Contact Micrel for details.
2.
Contact Micrel Marketing to order.
MICREL, INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL +1 (408) 944-0800 FAX +1 (408) 474-1000 WEB http://www.micrel.com
Micrel makes no representations or warranties with respect to the accuracy or completeness of the information furnished in this data sheet. This
information is not intended as a warranty and Micrel does not assume responsibility for its use. Micrel reserves the right to change circuitry,
specifications and descriptions at any time without notice. No license, whether express, implied, arising by estoppel or otherwise, to any intellectual
property rights is granted by this document. Except as provided in Micrel’s terms and conditions of sale for such products, Micrel assumes no liability
whatsoever, and Micrel disclaims any express or implied warranty relating to the sale and/or use of Micrel products including liability or warranties
relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright or other intellectual property right.
© 2012 Micrel, Incorporated.


Similar Part No. - MIC5399-GMYMX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5399-GMYMX-T5 MICROCHIP-MIC5399-GMYMX-T5 Datasheet
3Mb / 26P
   Low-Power Dual 300 mA LDO
Rev. C .April 2022
More results

Similar Description - MIC5399-GMYMX

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
Micrel Semiconductor
MIC5313 MICREL-MIC5313 Datasheet
311Kb / 12P
   Low Voltage Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
RICOH electronics devic...
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com