Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5399-GPYMX Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5399-GPYMX
Description  Low-Power Dual 300mA LDO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5399-GPYMX Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5399-GPYMX Datasheet HTML 1Page - Micrel Semiconductor MIC5399-GPYMX Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIC5396/7/8/9
Low-Power Dual 300mA LDO
Revision 1.1
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 14, 2013
Revision 1.1
General Description
The MIC5396/7/8/9 is an advanced dual LDO ideal for
powering
general
purpose
portable
devices.
The
MIC5396/7/8/9
provides
two
high-performance,
independent 300mA LDOs in a single package. This
makes it possible to improve system efficiency by
providing two independent supply inputs that can be
optimized for each individual LDO. The MIC5396/7/8/9
also features a wide output voltage range down to 1.0V.
Its full feature set and low dropout voltage make it ideal for
battery-powered applications. The MIC5396/7/8/9 offers
2% accuracy, low dropout voltage (160mV at 300mA), and
low ground current (typically 42
μA per LDO at full load).
The MIC5396/7/8/9 can also be put into a zero off mode
current state, drawing virtually no current when disabled.
When the MIC5397/9 is disabled an internal resistive load
is automatically applied to the output to discharge the
output capacitor. In addition, the MIC5398/9 offers an
internal enable pull-down resistor to ensure that the output
is disabled when the enable is in tri-state mode. These
LDO’s also offer fast transient response and high PSRR
while consuming a minimum operating current. The family
is available in a tiny 8-pin, 1.2mm x 1.6mm leadless Extra
Thin DFN package.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 2.5V to 5.5V input voltage range
• Independent power inputs
• Output voltage range from 1V to 3.3V
• Two 300mA outputs
• High output accuracy (±2%)
• Low quiescent current – 37µA typical/LDO
• Stable with 1µF ceramic output capacitors
• Low dropout voltage (160mV at 300mA)
• Independent enable pins
• Internal enable pull-down (MIC5398, MIC5399)
• Output discharge circuit (MIC5397, MIC5399)
• Thermal-shutdown protection
• Current-limit protection
• 8-pin 1.2mm x 1.6mm Extra Thin DFN package
Applications
• Smart phones
• DSC, GPS, PMP and PDAs
• Medical devices
• Portable electronics
• 5V systems
___________________________________________________________________________________________________________
Typical Application


Similar Part No. - MIC5399-GPYMX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5399-GMYMX-T5 MICROCHIP-MIC5399-GMYMX-T5 Datasheet
3Mb / 26P
   Low-Power Dual 300 mA LDO
Rev. C .April 2022
More results

Similar Description - MIC5399-GPYMX

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6236 HMSEMI-HM6236 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM73XX HMSEMI-HM73XX Datasheet
1Mb / 17P
   300mA Low Power LDO
HM73XXH HMSEMI-HM73XXH Datasheet
1Mb / 15P
   300mA Low Power LDO
HM6226 HMSEMI-HM6226 Datasheet
1Mb / 8P
   300mA Low Power LDO
HM7325 HMSEMI-HM7325 Datasheet
1Mb / 17P
   300mA Low Power LDO
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
   300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
logo
Micrel Semiconductor
MIC5313 MICREL-MIC5313 Datasheet
311Kb / 12P
   Low Voltage Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
RICOH electronics devic...
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com