Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC23099 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC23099
Description  Single AA/AAA Cell Step-Up/Step-Down Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23099 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC23099 Datasheet HTML 3Page - Micrel Semiconductor MIC23099 Datasheet HTML 4Page - Micrel Semiconductor MIC23099 Datasheet HTML 5Page - Micrel Semiconductor MIC23099 Datasheet HTML 6Page - Micrel Semiconductor MIC23099 Datasheet HTML 7Page - Micrel Semiconductor MIC23099 Datasheet HTML 8Page - Micrel Semiconductor MIC23099 Datasheet HTML 9Page - Micrel Semiconductor MIC23099 Datasheet HTML 10Page - Micrel Semiconductor MIC23099 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Micrel, Inc.
MIC23099
Electrical Characteristics
(7) (Continued)
VIN = VEN = +1.25V; VOUT1 = +1.8V; VOUT2 = 1.0V; LOUT1 = 6.8µH; LOUT2 = 4.7µH; COUT1 = 47µF; COUT2 = 10µF; TA = 25°C, unless
otherwise noted. Bold values indicate –40°C
≤ TJ ≤ +125°C.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Buck
Buck Reference (FB2)
Feedback Regulation Voltage
Vout1 = 1.8V to 3.3V
IOUT2 = 6mA to 30mA; (±3.5%)
0.579
0.6
0.621
V
FB Bias Current
VFB2 = 0.6V
1
500
nA
Soft-Start Time
VOUT2: 10% to 90% of target value
IOUT2 = 0mA; COUT2 = 10µF
0.1
ms
Buck Internal MOSFETs
High-Side On-Resistance
ISW2 = 100mA; VOUT1 = 1.8V
560
mΩ
Low-Side On-Resistance
ISW2 = -100mA; VOUT1 = 1.8V
380
mΩ
Leakage Current into SW2
VOUT1 = 3.3V, VSW2 = 3.3V, VEN = 0V,
VOUT2 = 3.3V
0.01
2
µA
Leakage Current out of SW2
VOUT1 = 3.3V, VSW2 = 0V, VEN = 0V, VOUT2=0V
0.01
0.5
µA
Anti-Ringing Resistance
80
140
Ω
Buck Switching Frequency
Minimum Switching Frequency
(8)
POUT2 = 8mW (PFM Mode)
80
kHz
Maximum Duty Cycle
VFB2 = 0.5V
100
%
Buck Current Limit
Maximum Output Current
30
mA
Current-Limit Threshold (PMOS)
VFB2 = 0.5V
80
120
mA
Buck Power Supply Rejection
PSRR (ΔVOUT1VOUT2)
ΔVOUT1 = 200mVp-p, f = 217Hz, IOUT2 = 10mA
50
dB
PSRR (ΔVOUT1VOUT2)
ΔVOUT1 = 200mVp-p, f = 1.0kHz, IOUT2 = 10mA
50
dB
PSRR (ΔVOUT1VOUT2)
ΔVOUT1 = 200mVp-p, f = 20kHz, IOUT2 = 10mA
42
dB
May 27, 2014
7
Revision 1.2


Similar Part No. - MIC23099

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23099YFT MICREL-MIC23099YFT Datasheet
2Mb / 26P
   Single AA/AAA Cell Step-Up/Step-Down Regulators with Battery Monitoring
MIC23099 MICREL-MIC23099_14 Datasheet
2Mb / 26P
   Single AA/AAA Cell Step-Up/Step-Down Regulators with Battery Monitoring
More results

Similar Description - MIC23099

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23099 MICREL-MIC23099_14 Datasheet
2Mb / 26P
   Single AA/AAA Cell Step-Up/Step-Down Regulators with Battery Monitoring
logo
Rohm
BD9300F ROHM-BD9300F_08 Datasheet
871Kb / 17P
   Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
MC3063 UTC-MC3063 Datasheet
188Kb / 4P
   1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
logo
Ceramate Technical
CP34063 CERAMATE-CP34063 Datasheet
503Kb / 10P
   1.5A,Step-Up/Down/Inverting Switching Regulators
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
   1.5A,Step-Up/Down Inverting Switching Regulators
logo
ON Semiconductor
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com