Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5502-3.3YMT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5502-3.3YMT
Description  Single 300mA LDO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5502-3.3YMT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5502-3.3YMT Datasheet HTML 1Page - Micrel Semiconductor MIC5502-3.3YMT Datasheet HTML 2Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIC5501/2/3/4
Single 300mA LDO
Revision 2.0
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
January 14, 2013
Revision 2.0
General Description
The MIC5501/2/3/4 is an advanced general-purpose LDO
ideal for powering general-purpose portable devices. The
MIC5501/2/3/4
family
of
products
provides
a
high-
performance 300mA LDO in an ultra-small 1mm x 1mm
package. The MIC5502 and MIC5504 LDOs include an
auto-discharge feature on the output that is activated when
the enable pin is low. The MIC5503 and MIC5504 have an
internal pull-down resistor on the enable pin that disables
the output when the enable pin is left floating. This is ideal
for applications where the control signal is floating during
processor boot up.
Ideal for battery-powered applications, the MIC5501/2/3/4
offers 2% initial accuracy, low dropout voltage (160mV at
300mA), and low ground current (typically 38µA). The
MIC5501/2/3/4 can also be put into a zero-off-mode
current state, drawing virtually no current when disabled.
The MIC5501/2/3/4 has an operating junction temperature
range of –40°C to 125°C.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.5V to 5.5V
• Fixed output voltages from 1.0V to 3.3V
• 300mA guaranteed output current
• High output accuracy (±2%)
• Low quiescent current: 38µA
• Stable with 1µF ceramic output capacitors
• Low dropout voltage: 160mV @ 300mA
• Output discharge circuit: MIC5502, MIC5504
• Internal enable pull-down: MIC5503, MIC5504
• Thermal-shutdown and current-limit protection
• 4-lead 1.0mm x 1.0mm Thin DFN package
Applications
• Smart phones
• DSC, GPS, PMP, and PDAs
• Medical devices
• Portable electronics
• 5V systems
___________________________________________________________________________________________________________
Typical Application


Similar Part No. - MIC5502-3.3YMT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5502-2.8YMT-TR MICROCHIP-MIC5502-2.8YMT-TR Datasheet
1Mb / 22P
   300 mA Single Output LDO in Small Packages
05/14/19
More results

Similar Description - MIC5502-3.3YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5512 MICREL-MIC5512 Datasheet
736Kb / 12P
   Single 300mA LDO
logo
Mitsumi Electronics, Co...
MM189X MITSUMI-MM189X Datasheet
124Kb / 11P
   300mA LDO
MM3571 MITSUMI-MM3571 Datasheet
259Kb / 22P
   300mA LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
   300mA CMOS LDO
logo
Microchip Technology
TC1108 MICROCHIP-TC1108 Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com