Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29372BT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC29372BT
Description  750mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29372BT Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC29372BT Datasheet HTML 2Page - Micrel Semiconductor MIC29372BT Datasheet HTML 3Page - Micrel Semiconductor MIC29372BT Datasheet HTML 4Page - Micrel Semiconductor MIC29372BT Datasheet HTML 5Page - Micrel Semiconductor MIC29372BT Datasheet HTML 6Page - Micrel Semiconductor MIC29372BT Datasheet HTML 7Page - Micrel Semiconductor MIC29372BT Datasheet HTML 8Page - Micrel Semiconductor MIC29372BT Datasheet HTML 9Page - Micrel Semiconductor MIC29372BT Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC2937A/29371/29372
Micrel, Inc.
MIC2937A/29371/29372
6
May 2006
Typical Characteristics
0
100
200
300
400
500
0
200
400
600
800
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
0
100
200
300
400
500
600
700
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
ILOAD = 750mA
0
1
2
3
4
5
6
0
1
2
3
4
5
6
INPUT VOLTAGE (V)
Dropout
Characteristics
ILOAD = 5mA
ILOAD = 750mA
0.1
1
10
30
1
10
100
1000
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
0
50
100
150
200
0 1 2 3 4 5 6 7 8
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
FIXED 5V VERSION
ILOAD = 5mA
0
5
10
15
20
25
30
0
2
4
6
8
10
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage
FIXED 5V
ILOAD = 750mA
0.00
0.05
0.10
0.15
0.20
0.25
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Ground Current
vs. Temperature
ILOAD = 5mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Ground Current
vs. Temperature
ILOAD = 100mA
0
5
10
15
20
25
30
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Ground Current
vs. Temperature
ILOAD = 750mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Short Circuit and Maximum
Current vs. Temperature
VOUT = VNOMINAL – 0.5V
VOUT = 0V
FIXED 5V
VERSION
-100
0
100
200
300
400
500
-30 -20 -10
0
10 20 30
INPUT VOLTAGE (V)
Ground Current
vs. Input Voltage
RLOAD = 100Ω
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-60 -30 0 30 60 90 120 150
TEMPERATURE (°C)
Fixed 3.3V Output Voltage
vs. Temperature


Similar Part No. - MIC29372BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29372BT MICREL-MIC29372BT Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC29372BT MICREL-MIC29372BT Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29372BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Linear Technology
LT3030 LINER-LT3030 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3030 LINER-LT3030_15 Datasheet
646Kb / 22P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com