Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC29201-4.8BU Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC29201-4.8BU
Description  400mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29201-4.8BU Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC29201-4.8BU Datasheet HTML 1Page - Micrel Semiconductor MIC29201-4.8BU Datasheet HTML 2Page - Micrel Semiconductor MIC29201-4.8BU Datasheet HTML 3Page - Micrel Semiconductor MIC29201-4.8BU Datasheet HTML 4Page - Micrel Semiconductor MIC29201-4.8BU Datasheet HTML 5Page - Micrel Semiconductor MIC29201-4.8BU Datasheet HTML 6Page - Micrel Semiconductor MIC29201-4.8BU Datasheet HTML 7Page - Micrel Semiconductor MIC29201-4.8BU Datasheet HTML 8Page - Micrel Semiconductor MIC29201-4.8BU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC2920A/29201/29202/29204
Micrel, Inc.
February 2005
1
M9999-021505
MIC2920A/29201/29202/29204
400mA Low-Dropout Voltage Regulator
Features
High output voltage accuracy
Guaranteed 400mA output
Low quiescent current
Low dropout voltage
Extremely tight load and line regulation
Very low temperature coefficient
Current and thermal limiting
Input withstands –20V reverse battery and
60V positive transients
Error flag warns of output dropout
Logic-controlled electronic shutdown
Output programmable from 1.24V to 26V
(MIC29202/MIC29204)
Available in TO-220-3, TO-220-5, and surface-mount
TO-263-5, SOT-223, and SO-8 packages.
Applications
Battery-powered equipment
Cellular telephones
Laptop, notebook, and palmtop computers
PCMCIA V
CC and VPP regulation/switching
Bar code scanners
Automotive electronics
SMPS post-regulators
Voltage reference
High-efficiency linear power supplies
General Description
The MIC2920Afamily are “bulletproof,” efficient voltage regu-
lators with very low dropout voltage (typically 40mV at light
loads and 370mV at 250mA), and very low quiescent current
(140µA typical). The quiescent current of the MIC2920A in-
creases only slightly in dropout, prolonging battery life. Key
MIC2920A features include protection against reversed bat-
tery, fold-back current limiting, and automotive “load dump”
protection (60V positive transient).
The MIC2920 is available in several configurations. The
MIC2920A-x.x devices are three pin fixed voltage regulators
available in 3.3V, 4.85V, 5V, and 12V outputs. The MIC29201
is a fixed regulator offering a logic compatible ON/OFF (shut-
down) input and an error flag output. This flag may also be
used as a power-on reset signal.Alogic-compatible shutdown
input is provided on the adjustable MIC29202 which allows
the regulator to be switched on and off. The MIC29204 8-pin
SOIC adjustable regulator includes both shutdown and error
flagpinsandmaybepin-strappedfor5Voutputorprogrammed
from 1.24V to 26V using two external resistors.
MIC2920A-xxBT
(TO-220)
MIC29201/29202BT
(TO-220-5)
MIC29201/29202BU
(TO-263-5)
5-Lead Package Pinouts
MIC29201
MIC29202
1) Error
Adjust
2) Input
Shutdown
3) Ground
Ground
4) Output
Input
5) Shutdown
Output
Tab is Ground on SOT-223, TO-220, and TO-263 packages.
1
3
2
TAB
INPUT
OUTPUT
GROUND
MIC2920A-x.xBS
(SOT-223)
Pin Configuration
1
2
3
4
8
7
6
5
INPUT
NC
NC
E R R O R
OUTPUT
S E N S E
SHUTDOWN
GROUND
MIC29201-3.3BM (SOIC-8)
1
2
3
4
8
7
6
5
INPUT
ADJUST
5V TAP
E R R O R
OUTPUT
S E N S E
SHUTDOWN
GROUND
MIC29204BM (SOIC-8)
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
TAB
5
4
3
2
1
TAB
3
OUT
2
GND
1
IN
TAB
5
4
3
2
1


Similar Part No. - MIC29201-4.8BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29201-4.8BU MICREL-MIC29201-4.8BU Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
MIC29201-4.8BU MICREL-MIC29201-4.8BU Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29201-4.8BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
   400mA Low Dropout Voltage Regulator
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
   400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com