Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7142-2B-A Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS7142-2B-A
Description  6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7142-2B-A Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS7142-2B-A Datasheet HTML 4Page - California Eastern Labs PS7142-2B-A Datasheet HTML 5Page - California Eastern Labs PS7142-2B-A Datasheet HTML 6Page - California Eastern Labs PS7142-2B-A Datasheet HTML 7Page - California Eastern Labs PS7142-2B-A Datasheet HTML 8Page - California Eastern Labs PS7142-2B-A Datasheet HTML 9Page - California Eastern Labs PS7142-2B-A Datasheet HTML 10Page - California Eastern Labs PS7142-2B-A Datasheet HTML 11Page - California Eastern Labs PS7142-2B-A Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PS7142-1B,-2B,PS7142L-1B,-2B
Normalized to 1.0
at TA = 25 ˚C,
IF = 0 mA,
IL = 10 mA
NORMALIZED ON-STATE RESISTANCE vs.
Ambient Temperature TA (˚C)
n = 50 pcs,
IF = 0 mA,
IL = 10 mA
ON-STATE RESISTANCE DISTRIBUTION
On-state Resistance Ron (
Ω)
Turn-on Time ton (ms)
TURN-ON TIME DISTRIBUTION
n = 50 pcs,
IF = 10 mA,
VO = 5 V
n = 50 pcs,
IF = 10 mA,
VO = 5 V
Turn-off Time toff (ms)
TURN-OFF TIME DISTRIBUTION
AMBIENT TEMPERATURE
Forward Current IF (mA)
TURN-ON TIME vs. FORWARD CURRENT
Forward Current IF (mA)
TURN-OFF TIME vs. FORWARD CURRENT
30
25
20
15
10
5
2
6
8
12
4
10
0
VO = 5 V
30
25
20
15
10
5
0.1
0.3
0.4
0.6
0.2
0.5
0
VO = 5 V
0.02
0.04
0
5
10
15
20
25
30
1.1
1.3
0
5
10
15
20
25
30
0.5
1.5
2.0
3.0
1.0
2.5
0.0
100
75
50
25
–25
0
68
0
5
10
15
20
25
30
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10285EJ02V0DS
8


Similar Part No. - PS7142-2B-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-2B-A CEL-PS7142-2B-A Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7142-2B-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
   6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
   6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7241-2B RENESAS-PS7241-2B Datasheet
252Kb / 14P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7241-2B NEC-PS7241-2B Datasheet
97Kb / 12P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241-2B CEL-PS7241-2B Datasheet
330Kb / 10P
   8-PIN SOP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7141-1A RENESAS-PS7141-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
PS7142-1A RENESAS-PS7142-1A Datasheet
256Kb / 16P
   6-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7241E-1B CEL-PS7241E-1B Datasheet
349Kb / 14P
   4-PIN SOP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com