Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4950 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC4950
Description  Hyper Speed Control 5A Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4950 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC4950 Datasheet HTML 3Page - Micrel Semiconductor MIC4950 Datasheet HTML 4Page - Micrel Semiconductor MIC4950 Datasheet HTML 5Page - Micrel Semiconductor MIC4950 Datasheet HTML 6Page - Micrel Semiconductor MIC4950 Datasheet HTML 7Page - Micrel Semiconductor MIC4950 Datasheet HTML 8Page - Micrel Semiconductor MIC4950 Datasheet HTML 9Page - Micrel Semiconductor MIC4950 Datasheet HTML 10Page - Micrel Semiconductor MIC4950 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Micrel, Inc.
MIC4950
March 20, 2014
7
Revision 1.1
Functional Characteristics


Similar Part No. - MIC4950

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49500 MICREL-MIC49500 Datasheet
233Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WR MICREL-MIC49500-0.9WR Datasheet
233Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WR MICREL-MIC49500-0.9WR Datasheet
221Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WU MICREL-MIC49500-0.9WU Datasheet
233Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
MIC49500-0.9WU MICREL-MIC49500-0.9WU Datasheet
221Kb / 11P
   5A Dual Supply, Low Voltage, High Bandwidth LDO
More results

Similar Description - MIC4950

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC4930 MICREL-MIC4930 Datasheet
1Mb / 17P
   Hyper Speed Control 3A Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
logo
Microchip Technology
MIC28514 MICROCHIP-MIC28514 Datasheet
1Mb / 34P
   75V/5A Hyper Speed Control® Synchronous DC/DC Buck Regulator with External Soft Start
Revision G June 2021
logo
Micrel Semiconductor
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28500 MICREL-MIC28500 Datasheet
1Mb / 29P
   75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com