Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2846-MGYMT Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2846-MGYMT
Description  6 Channel High Side Current Source WLED driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2846-MGYMT Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2846-MGYMT Datasheet HTML 1Page - Micrel Semiconductor MIC2846-MGYMT Datasheet HTML 2Page - Micrel Semiconductor MIC2846-MGYMT Datasheet HTML 3Page - Micrel Semiconductor MIC2846-MGYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2846-MGYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2846-MGYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2846-MGYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2846-MGYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2846-MGYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Micrel Inc.
MIC2845/46
January 2008
5
M9999-010808-A
WLED Current Sinks
VIN = VDC (2846) VEND (2845) = 3.8V, VEN1 = VEN2 = 0V; RSET = 20.5kΩ; VDROP = 0.6V;
TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ 125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Current Accuracy
(5)
VDROPNOM = 0.6V
-5
+5
%
Matching
(6)
VDROPNOM = 0.6V
-3.6
-5.5
+3.6
+5.5
%
%
Drop-out
Where ILED = 90% of LED current seen at
VDROPNOM = 0.6V, 100% brightness level
50
100
mV
Ground/Supply Bias Current
IOUT = 20mA
1.0
mA
Shutdown Current
(current source leakage)
VEND = 0V or VDC = 0V > 1260µs, VENLDO1,2 = 0V
0.01
1
µA
MIC2845- PWM Dimming
Logic Low
0.2
V
Enable Input Voltage VEND
Logic High
1.2
V
Enable Input Current
VIH > 1.0V
0.01
1
µA
Minimum Pulse Width
10
µs
Current Source Delay
(50% levels)
Shutdown to on
(5)
Standby to on; VDROP = 0.1V
Standby to on; VDROP = 0.6V
On to Standby; VDROP = 0.1V
On to Standby; VDROP = 0.6V
RSET = 20.5k
125
1
0.5
1
1
µs
µs
µs
µs
µs
Current Source Transient Time
(10%-90%)
TRISE, VDROP = 0.1V
TRISE, VDROP = 0.6V
TFALL; VDROP = 0.1V
TFALL, VDROP = 0.6V
1
1
0.3
0.3
µs
µs
µs
µs
Stand-by to shutdown time
VEND = 0V
20
TBD
40
ms
MIC2846- Digital Dimming
Logic Low
0.2
V
VDC Input Voltage VDC
Logic High
1.2
V
VDC Enable Input Current
VIH > 1.2V
0.01
1
µA
tSHUTDOWN
Time DC pin is low to put into shutdown
1260
µs
tMODE_UP
Time DC pin is low to change to Count Up Mode
100
160
µs
tMODE_DOWN
Time DC pin is low to change to Count Down Mode
420
500
µs
tPROG_HIGH, tPROG_LOW
Time for valid edge count; Ignored if outside limit range
1
32
µs
tDELAY
Time DC pin must remain high before a mode change
can occur
140
µs
tPROG_SETUP
First down edge must occur in this window during
presetting brightness
35
50
µs
tSTART_UP
Delay from DC is high to start up
140
µs
Notes:
5. As determined by average current of all channels in use and all channels loaded.
6. The current through each LED meet the stated limits from the average current of all LEDs.
7. Maximum differential in forward voltage anticipated from the LED with the highest forward voltage to the LED with the lowest forward voltage at
nominal current.
8. Current accuracy guaranteed for VDROP current source 100mV to VIN-1.2V.
9. Dropout voltage is defined as the input-output differential at which the output voltage drops 2% below its nominal value measured at 1V differential.


Similar Part No. - MIC2846-MGYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2846A-MFYMT MICREL-MIC2846A-MFYMT Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2846A-MGYMT MICREL-MIC2846A-MGYMT Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2846A-PGYMT MICREL-MIC2846A-PGYMT Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
MIC2846A-PPYMT MICREL-MIC2846A-PPYMT Datasheet
1Mb / 19P
   High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
More results

Similar Description - MIC2846-MGYMT

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LDS8161 IXYS-LDS8161 Datasheet
402Kb / 22P
   6-Channel / 4-Channel High-Side Linear WLED Driver
logo
Infineon Technologies A...
TLD1314EL INFINEON-TLD1314EL Datasheet
1Mb / 29P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2314EL INFINEON-TLD2314EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD2311EL INFINEON-TLD2311EL Datasheet
1Mb / 34P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1124EL INFINEON-TLD1124EL Datasheet
1Mb / 29P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1313EL INFINEON-TLD1313EL Datasheet
1Mb / 31P
   3 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1121EL INFINEON-TLD1121EL Datasheet
1Mb / 31P
   1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
   1 Channel High Side Current Source
Rev. 1.0, 2013-08-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com