Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX824YEUK Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MAX824YEUK
Description  Voltage Supervisor with Watchdog Timer and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAX824YEUK Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MAX824YEUK Datasheet HTML 6Page - Micrel Semiconductor MAX824YEUK Datasheet HTML 7Page - Micrel Semiconductor MAX824YEUK Datasheet HTML 8Page - Micrel Semiconductor MAX824YEUK Datasheet HTML 9Page - Micrel Semiconductor MAX824YEUK Datasheet HTML 10Page - Micrel Semiconductor MAX824YEUK Datasheet HTML 11Page - Micrel Semiconductor MAX824YEUK Datasheet HTML 12Page - Micrel Semiconductor MAX824YEUK Datasheet HTML 13Page - Micrel Semiconductor MAX824YEUK Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel, Inc.
MAX823/4/5
January 14, 2014
10
Revision 1.0
Functional Description
Design and Product Advantages
The MAX823/4/5 is series of a voltage supervisor reset
IC with a manual reset input, watchdog input, and dual
reset outputs. The MAX823/4/5 asserts and holds a reset
when
the
supply
voltage
falls
below
the
factory-
programmed threshold voltage, when /MR is at low logic
level, or when watchdog input times out. Reset is
asserted for a fixed reset timeout period after the supply
voltage increases above the rising threshold voltage or
when the manual reset input is asserted high.
The MAX823/4/5 features an active-low, push-pull reset
output (/RESET) and an active-high, push-pull reset
output (RESET). It also contains 52k
Ω pull-up resistors
on the /MR input to make it easy to connect to
pushbutton inputs. The MAX823/4 also features a
watchdog input (WDI).
Manual Reset Input (/MR)
The /MR input pin has integrated pull-up resistors to keep
the current consumption low when the pushbutton switch
is pressed.
Reset Outputs (/RESET and RESET)
There are two reset outputs: /RESET and RESET. Both
outputs are push-pull, which eliminates the need for pull-
up resistors. The RESET output is the inverse of the
/RESET output.
Asserting /RESET and RESET Outputs
When Functioning as a Manual Reset
The reset outputs /RESET and RESET are asserted
while the /MR pin is driven low. Both reset outputs remain
asserted for a factory-programmed reset timeout delay
time, tRP. The typical value of a reset timeout period is
200ms. The /RESET pin is driven low while the RESET
pin
is
driven
high
whenever
/MR
is
pulled
low.
Figure 1. Manual Reset Function
When Functioning as a Voltage Supervisor
The /RESET pin is asserted whenever VCC falls below the
reset threshold voltage, VRST (VCC < VRST). The VCC pin
circuitry includes hysteresis to prevent /RESET or
RESET pin chattering due to noise. The /RESET pin
remains asserted for the duration of the reset timeout
delay (tRP) after VCC has risen above the reset threshold
voltage plus the hysteresis. The reset function ensures
that a microprocessor is properly reset and powers up in
a known condition after a power failure. The /RESET
remains valid with VCC as low as 1V. The RESET output
is a complement of the /RESET output.
Figure 2. Voltage Supervisor Function


Similar Part No. - MAX824YEUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX824Y MAXIM-MAX824Y Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
More results

Similar Description - MAX824YEUK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com