Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC2E-HP-AC100V-F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # HC2E-HP-AC100V-F
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC2E-HP-AC100V-F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  HC2E-HP-AC100V-F Datasheet HTML 1Page - Panasonic Semiconductor HC2E-HP-AC100V-F Datasheet HTML 2Page - Panasonic Semiconductor HC2E-HP-AC100V-F Datasheet HTML 3Page - Panasonic Semiconductor HC2E-HP-AC100V-F Datasheet HTML 4Page - Panasonic Semiconductor HC2E-HP-AC100V-F Datasheet HTML 5Page - Panasonic Semiconductor HC2E-HP-AC100V-F Datasheet HTML 6Page - Panasonic Semiconductor HC2E-HP-AC100V-F Datasheet HTML 7Page - Panasonic Semiconductor HC2E-HP-AC100V-F Datasheet HTML 8Page - Panasonic Semiconductor HC2E-HP-AC100V-F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HC
ASCTB4E 201302-T
With diode type (For DC)
LINEUP
A: Available
Notes: 1. HC relays with ground terminals also available.
2. HC relays with 0.9 mm wide PC board terminals also available.
HC RELAY CONTACT ARRANGEMENT
Type
Contact arrangement
Plug-in terminal type
PC board terminal type
Top mounting type
(TM type)
Remarks
Without LED
With LED
Without LED
With LED
HC relay
Standard type
Single side stable
1 Form C
AAAA
A
2 Form C
AAAA
A
3 Form C
AAAA
A
4 Form C
AAAA
A
Bifurcated (Twin)
4 Form C
AAAA
A
HC relay
Amber sealed
type
Single side stable
1 Form C
AAAA
A
2 Form C
AAAA
A
4 Form C
AAAA
A
Bifurcated (Twin)
4 Form C
AAAA
A
DC type with
surge absorbing
diode
Single side stable
1 Form C
A
A
Amber sealed type
also available
2 Form C
A
A
3 Form C
A
A
4 Form C
A
A
Bifurcated (Twin)
4 Form C
A
A
Type
Single side stable contact
4-pole bifurcated (twin) contact
Part number
HC
HC4D
Features
Suitable for high-capacity load switching
Standard type HC relays have high single-contact capacity;
1 Form C: 10 A
2 Form C and 3 Form C: 7 A
4 Form C: 5 A
Bifurcated (twin) contact ensures high contact reliability
Suitable for low level loads
Minimum switching capability: 100
µA 100m V DC (reference value)
HC
Contact material
Contact
arrangement
Contact
material
AgSnO2 type
AgNi type
1 Form C
2 Form C
3 Form C
4 Form C
4-pole bifurcated (twin)
F
F
F
Nil
Nil
Surge suppression
D: With diode
Nominal coil voltage
DC: 6, 12, 24, 48, 100 (100/110) V
Contact arrangement
1:
2:
3:
4:
4D:
1 Form C
2 Form C
3 Form C
4 Form C
Bifurcated contact (twin)
Terminal arrangement
Nil:
L:
Plug-in type
Plug-in with LED indication


Similar Part No. - HC2E-HP-AC100V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC2E-H-AC100V-F PANASONIC-HC2E-H-AC100V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2E-H-AC120V-F PANASONIC-HC2E-H-AC120V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2E-H-AC12V-F PANASONIC-HC2E-H-AC12V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2E-H-AC200V-F PANASONIC-HC2E-H-AC200V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
HC2E-H-AC240V-F PANASONIC-HC2E-H-AC240V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
More results

Similar Description - HC2E-HP-AC100V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com