Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX823WEXK Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MAX823WEXK
Description  Voltage Supervisor with Watchdog Timer and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAX823WEXK Datasheet(HTML) 3 Page - Micrel Semiconductor

  MAX823WEXK Datasheet HTML 1Page - Micrel Semiconductor MAX823WEXK Datasheet HTML 2Page - Micrel Semiconductor MAX823WEXK Datasheet HTML 3Page - Micrel Semiconductor MAX823WEXK Datasheet HTML 4Page - Micrel Semiconductor MAX823WEXK Datasheet HTML 5Page - Micrel Semiconductor MAX823WEXK Datasheet HTML 6Page - Micrel Semiconductor MAX823WEXK Datasheet HTML 7Page - Micrel Semiconductor MAX823WEXK Datasheet HTML 8Page - Micrel Semiconductor MAX823WEXK Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
MAX823/4/5
January 14, 2014
3
Revision 1.0
Ordering Information (Continued)
(1)
Part Number
Top Marking
VRST: Nominal Threshold
Voltage (V)
Package
MAX824LEUK
X4L
4.625
SOT23-5
MAX824MEUK
X4M
4.375
SOT23-5
MAX824REUK
X4R
2.625
SOT23-5
MAX824SEUK
X4S
2.925
SOT23-5
MAX824TEUK
X4T
3.075
SOT23-5
MAX824WEUK
X4W
1.665
SOT23-5
MAX824YEUK
X4Y
2.188
SOT23-5
MAX824ZEUK
X4Z
2.315
SOT23-5
MAX824LEXK
4Y
4.625
SC70-5
MAX824MEXK
YA
4.375
SC70-5
MAX824REXK
YD
2.625
SC70-5
MAX824SEXK
YC
2.925
SC70-5
MAX824TEXK
YB
3.075
SC70-5
MAX824WEXK
YG
1.665
SC70-5
MAX824YEXK
YF
2.188
SC70-5
MAX824ZEXK
YE
2.315
SC70-5
Part Number
Top Marking
VRST: Nominal Threshold
Voltage (V)
Package
MAX825LEUK
X5L
4.625
SOT23-5
MAX825MEUK
X5M
4.375
SOT23-5
MAX825REUK
X5R
2.625
SOT23-5
MAX825SEUK
X5S
2.925
SOT23-5
MAX825TEUK
X5T
3.075
SOT23-5
MAX825WEUK
X5W
1.665
SOT23-5
MAX825YEUK
X5Y
2.188
SOT23-5
MAX825ZEUK
X5Z
2.315
SOT23-5
MAX825LEXK
YE
4.625
SC70-5
MAX825MEXK
YI
4.375
SC70-5
MAX825REXK
YO
2.625
SC70-5
MAX825SEXK
YK
2.925
SC70-5
MAX825TEXK
YJ
3.075
SC70-5
MAX825WEXK
YT
1.665
SC70-5
MAX825YEXK
YS
2.188
SC70-5
MAX825ZEXK
YR
2.315
SC70-5
Note:
1.
All devices are available in tape-and-reel only. Contact Micrel for tape-and-reel options.


Similar Part No. - MAX823WEXK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823 MAXIM-MAX823 Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
MAX823L MAXIM-MAX823L Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823LEUK MAXIM-MAX823LEUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
MAX823M MAXIM-MAX823M Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823MEUK MAXIM-MAX823MEUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
More results

Similar Description - MAX823WEXK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com