Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX823REXK Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MAX823REXK
Description  Voltage Supervisor with Watchdog Timer and Manual Reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MAX823REXK Datasheet(HTML) 5 Page - Micrel Semiconductor

  MAX823REXK Datasheet HTML 1Page - Micrel Semiconductor MAX823REXK Datasheet HTML 2Page - Micrel Semiconductor MAX823REXK Datasheet HTML 3Page - Micrel Semiconductor MAX823REXK Datasheet HTML 4Page - Micrel Semiconductor MAX823REXK Datasheet HTML 5Page - Micrel Semiconductor MAX823REXK Datasheet HTML 6Page - Micrel Semiconductor MAX823REXK Datasheet HTML 7Page - Micrel Semiconductor MAX823REXK Datasheet HTML 8Page - Micrel Semiconductor MAX823REXK Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
MAX823/4/5
January 14, 2014
5
Revision 1.0
Absolute Maximum Ratings
(2)
Supply Voltage (VCC) .................................... 0.3V to 6.0V
/MR, WDI, RESET, /RESET..................
0.3V to V
CC +0.3V
Input Current (All Pins except RESET, /RESET) ........20mA
Output Current (RESET, /RESET) ..............................20mA
Junction Temperature (TJ) ........................ 40°C to +150°C
Storage Temperature (Ts).........................
65°C to +150°C
ESD Rating
(4) (Human Body Model)(MAX823/4/5) ........ 3kV
Operating Ratings
(3)
Supply Voltage (VCC).................................... +1.0V to +5.5V
Watchdog Input (WDI)........................................... 0V to VCC
Junction Temperature (TJ) ........................ –40°C to +125°C
Junction Thermal Resistance
5-Pin SOT23 ....................................................215°C/W
5-Pin SC70 ......................................................250°C/W
Electrical Characteristics
(5)
VCC = 4.7V to 5.5V for MAX823/4/5L, VCC = 4.5V to 5.5V for MAX823/4/5M, VCC = 3.15V to 3.6V for MAX823/4/5T, VCC = 3.0V to 3.6V
for MAX823/4/5S, VCC = 2.7V to 3.6V for MAX823/4/5R, VCC = 2.38V to 2.75V for MAX823/4/5Z, VCC = 2.25V to 2.75V for
MAX823/4/5Y, VCC = 1.75V to 2.0V for MAX823/4/5W; TJ = +25˚C, bold values
(6) indicate –40˚C ≤ T
J ≤ +125˚C, unless otherwise noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Suppy Input
Supply Voltage (VCC)
1.0
5.5
V
Supply Current (IVCC)
L/M (WDI and /MR unconnected)
4.8
14
µA
T/S/R/Z/Y/W (WDI and /MR unconnected)
3.8
8.4
µA
Reset Threshold Voltage
Reset Threshold Voltage
(VRST)
L (falling) TA = 25C
4.602
4.625
4.648
V
L (falling)
40C  T
A  +125C
4.556
4.694
V
M (falling) TA = 25C
4.353
4.375
4.397
V
M (falling)
–40
C  T
A  +125C
4.309
4.441
V
T (falling) TA = 25C
3.060
3.075
3.090
V
T (falling)
–40
C  T
A  +125C
3.029
3.121
V
S (falling) TA = 25C
2.910
2.925
2.940
V
S (falling)
–40
C  T
A  +125C
2.881
2.969
V
R (falling) TA = 25C
2.612
2.625
2.638
V
R (falling)
–40
C  T
A  +125C
2.586
2.664
V
Z (falling) TA = 25C
2.303
2.315
2.327
V
Z (falling)
–40
C  T
A  +125C
2.280
2.350
V
Y (falling) TA = 25C
2.177
2.188
2.199
V
Y (falling)
–40
C  T
A  +125C
2.155
2.221
V
W (falling) TA = 25C
1.657
1.665
1.673
V
W (falling)
–40
C  T
A  +125C
1.640
1.690
V
Reset Threshold
Hysteresis
L, M
10
mV
T, S, R, Z, Y, W
5
mV
Reset Threshold Tempco
40
ppm/
˚C


Similar Part No. - MAX823REXK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX823REUK MAXIM-MAX823REUK Datasheet
78Kb / 8P
   5-Pin Microprocessor Supervisory Circuits
Rev 1; 6/97
More results

Similar Description - MAX823REXK

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
   Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Union Semiconductor, In...
UM706 UNIONSEMI-UM706 Datasheet
558Kb / 15P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
UM706LS UNIONSEMI-UM706LS_15 Datasheet
593Kb / 17P
   Supply Voltage Supervisor w/Watchdog Input and Manual Reset
logo
Micrel Semiconductor
MIC826 MICREL-MIC826 Datasheet
422Kb / 15P
   Voltage Supervisor with Watchdog Timer,Manual Reset, and Dual Outputs In 1.6mm x 1.6mm TDFN
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
   5-Pin Supervisor with Watchdog Timer and Push-button Reset
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
   5-pin supervisor with watchdog timer and push-button reset
June 2016 Rev 13
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
   5-pin Supervisor with watchdog timer and push-button reset
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
   5-pin supervisor with watchdog timer and push-button reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com