Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMP-3866-TR2G Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3866-TR2G
Description  Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3866-TR2G Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-3866-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Vc
R1
RFout
RFin
HSMP-3866
R3
C3
C1
C2
C4
C5
R4
R4
R2
V+
Figure 1. Wideband Quad PIN Diode
π Attenuator Circuit
Component
Value
R1,R2
620
W
R3
390
W
R4
2200
W
C1-C5
10nF
Figure 2. Circuit Board Layout.
1
10
100
1000
0.01
0.10
1.00
10.00
100.00
Forward Current (mA)
TA = +85˚C
TA = +25˚C
TA = - 55˚C
+125˚C
+25˚C
- 50˚C
0.01
0.10
1.00
10.00
100.00
0
0.2
0.4
0.6
0.8
1
1.2
Forward Voltage (V)
Figure 3. RF Resistance vs. Forward Bias Current
Figure 4. Forward Current vs. Forward Voltage
Typical Performance Curves for Single Diode @ Tc = +25°C


Similar Part No. - HSMP-3866-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3866 BOARDCOM-HSMP-3866 Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3866 AVAGO-HSMP-3866_15 Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
More results

Similar Description - HSMP-3866-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-HSMP-38X6 BOARDCOM-DEMO-HSMP-38X6 Datasheet
326Kb / 6P
   Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3816 BOARDCOM-HSMP-3816 Datasheet
326Kb / 6P
   Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816 Datasheet
326Kb / 6P
   Quad PIN Diode Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3866 AVAGO-HSMP-3866_15 Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
logo
Broadcom Corporation.
HSMP-3866 BOARDCOM-HSMP-3866 Datasheet
345Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816_15 Datasheet
326Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
logo
NXP Semiconductors
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
   Quad PIN diode attenuator
Rev. 2-6 March 2012
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
logo
M/A-COM Technology Solu...
MA4P7455-1225 MA-COM-MA4P7455-1225_12 Datasheet
589Kb / 7P
   4 PIN diodes in a SOT-25 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com