Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA802T_V1 Datasheet(PDF) 9 Page - California Eastern Labs

Part # UPA802T_V1
Description  NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPA802T_V1 Datasheet(HTML) 9 Page - California Eastern Labs

  UPA802T_V1 Datasheet HTML 1Page - California Eastern Labs UPA802T_V1 Datasheet HTML 2Page - California Eastern Labs UPA802T_V1 Datasheet HTML 3Page - California Eastern Labs UPA802T_V1 Datasheet HTML 4Page - California Eastern Labs UPA802T_V1 Datasheet HTML 5Page - California Eastern Labs UPA802T_V1 Datasheet HTML 6Page - California Eastern Labs UPA802T_V1 Datasheet HTML 7Page - California Eastern Labs UPA802T_V1 Datasheet HTML 8Page - California Eastern Labs UPA802T_V1 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
UPA802T
TYPICAL SCATTERING PARAMETERS (TA = 25°C)
FREQUENCY
S11
S21
S12
S22
K
Gmag
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
UPA802T(Q2)
VCE = 5 V, IC = 5 mA
0.10
0.823
-24.36
13.414 160.23
0.017
76.18
0.959
-10.44
0.15
28.98
0.20
0.743
-46.52
12.139 144.45
0.030
65.94
0.877
-18.55
0.26
26.02
0.40
0.575
-82.78
9.280 121.05
0.046
54.57
0.717
-26.47
0.49
23.03
0.60
0.467
-108.62
7.075 106.49
0.055
51.23
0.621
-28.79
0.69
21.10
0.80
0.408
-127.86
5.599
96.62
0.062
51.37
0.568
-29.56
0.85
19.57
1.00
0.377
-143.07
4.595
89.14
0.068
52.88
0.537
-30.23
0.98
18.27
1.20
0.362
-155.37
3.896
82.94
0.075
54.71
0.518
-31.06
1.08
15.41
1.40
0.354
-165.68
3.376
77.52
0.082
56.53
0.506
-32.27
1.15
13.76
1.60
0.352
-174.22
2.977
72.75
0.090
58.55
0.497
-33.34
1.20
12.47
1.80
0.353
178.37
2.666
68.30
0.098
59.82
0.492
-35.02
1.23
11.45
2.00
0.356
171.97
2.416
64.18
0.107
61.15
0.488
-36.66
1.25
10.54
2.20
0.358
166.50
2.210
60.30
0.115
62.13
0.485
-38.36
1.26
9.75
2.40
0.360
161.52
2.038
56.62
0.125
63.09
0.480
-40.00
1.27
9.00
2.60
0.363
157.00
1.893
53.22
0.135
63.71
0.479
-41.73
1.27
8.38
2.80
0.364
152.78
1.770
49.89
0.145
64.24
0.477
-43.44
1.26
7.79
3.00
0.364
148.84
1.663
46.72
0.156
64.58
0.473
-44.93
1.26
7.23
Coordinates in Ohms
Frequency in GHz
VCE = 5 V, IC = 5 mA
ZO = 50 ΩΩΩΩΩ
EXCLUSIVE NORTH AMERICAN AGENT FOR RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -12/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE
PART NUMBER
QUANTITY
PACKAGING
UPA802T-T1-A
3000
Tape & Reel
ORDERING INFORMATION
j50
j25
j10
0
10
25
50
-j10
-j25
-j50
-j100
j100
100
S22
3.0 GHz
S11
3.0 GHz
S22
0.1 GHz
S11
0.1 GHz
90°
120°
150°
180°
-150°
-120°
-90°
-60°
30°
60°
-30°
S21
0.1 GHz
S21
3.0 GHz
S12
3.0 GHz
S12
0.1 GHz
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
Note:
1. Gain Calculation:
MAG = |S21|
|S12|
K - 1
).
2
(K ±
Δ
= S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG = |S21|
|S12| , K =
1 + | Δ | - |S11| - |S22|
2
2
2
2 |S12 S21|
,


Similar Part No. - UPA802T_V1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA802T-T1 NEC-UPA802T-T1 Datasheet
53Kb / 6P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
logo
Renesas Technology Corp
UPA802T-T1 RENESAS-UPA802T-T1 Datasheet
216Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
UPA802T-T1-A CEL-UPA802T-T1-A Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_09 Datasheet
606Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - UPA802T_V1

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
LT1001A ASI-LT1001A Datasheet
13Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE696M01 ETC-NE696M01 Datasheet
105Kb / 6P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
BFT51F ASI-BFT51F Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BFT51FA ASI-BFT51FA Datasheet
23Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
BLX65S ASI-BLX65S Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE662M16 NEC-NE662M16 Datasheet
63Kb / 9P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
ON Semiconductor
MPS5179 ONSEMI-MPS5179_06 Datasheet
42Kb / 3P
   High Frequency Transistor NPN Silicon
March, 2006 ??Rev. 3
logo
California Eastern Labs
UPA802T CEL-UPA802T_98 Datasheet
236Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA807T CEL-UPA807T Datasheet
252Kb / 12P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
UPA808T CEL-UPA808T Datasheet
224Kb / 10P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Advanced Semiconductor
TP2314A ASI-TP2314A Datasheet
34Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com