Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-1719-A00A2 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-1719-A00A2
Description  Telecommunications indicators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-1719-A00A2 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-1719-A00A2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1719-A00A2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1719-A00A2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1719-A00A2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1719-A00A2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1719-A00A2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1719-A00A2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1719-A00A2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-1719-A00A2 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Intensity Bin Limits
Intensity Range (mcd)
Color
Bin
Min.
Max.
Green
A
1.1
1.8
B
1.8
2.9
C
2.9
4.7
D
4.7
7.6
E
7.6
12.0
F
12.0
19.1
G
19.1
30.7
H
30.7
49.1
I
49.1
78.5
J
78.5
125.7
K
125.7
201.1
L
201.1
289.0
M
289.0
417.0
N
417.0
680.0
O
680.0
1100.0
P
1100.0
1800.0
Q
1800.0
2700.0
R
2700.0
4300.0
S
4300.0
6800.0
T
6800.0
10800.0
U
10800.0
16000.0
V
16000.0
25000.0
W
25000.0
40000.0
Maximum tolerance for each bin limit is ±18%.
Color Categories
Lambda (nm)
Color
Category #
Min.
Max.
6
561.5
564.5
5
564.5
567.5
Green
4
567.5
570.5
3
570.5
573.5
2
573.5
576.5
1
582.0
584.5
3
584.5
587.0
Yellow
2
587.0
589.5
4
589.5
592.0
5
592.0
593.0
Tolerance for each bin limit is ±0.5 nm.
Mechanical Option Matrix
Mechanical Option Code
Definition
00
Bulk Packaging, minimum increment 500 pc/bag
01
Tape & Reel, crimped leads, min. increment 1300 pcs/bag for T-1 3/4, 1800 pcs/bag for T-1
02
Tape & Reel, straight leads, min. increment 1300 pcs/bag for T-1 3/4, 1800 pcs/bag for T-1
A1
T-1, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
A2
T-1, Right Angle Housing, even leads, minimum increment 500 pcs/bag
B1
T-1 3/4, Right Angle Housing, uneven leads, minimum increment 500 pcs/bag
B2
T-1 3/4, Right Angle Housing, even leads, minimum increment 500 pcs/bag
BH
T-1, Tape & Reel, straight leads, minimum increment 2000 pcs/bag
FH
Devices that require inventory control and 2 Iv bin select
R1
Tape & Reel, crimped leads, reeled counter clockwise, cathode lead leaving the reel first
Notes: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Avago
representative for further clarification/information.


Similar Part No. - HLMP-1719-A00A2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-1719-A00XX BOARDCOM-HLMP-1719-A00XX Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results

Similar Description - HLMP-1719-A00A2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
   Telecommunications indicators
logo
Copal Electronics
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
   PRESSURE INDICATORS
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
   Digital Indicators
logo
OSRAM GmbH
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
   optical indicators
LSYT676-P2R1-1-Q2S1-35 OSRAM-LSYT676-P2R1-1-Q2S1-35 Datasheet
398Kb / 17P
   optical indicators
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
   optical indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
   PRESSURE INDICATORS
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
   PANEL INDICATORS
logo
Carling Technologies
LP1HRR5-9AAY2-1DU CARLINGTECH-LP1HRR5-9AAY2-1DU Datasheet
751Kb / 6P
   Illuminated Indicators
logo
OSRAM GmbH
LSYT676 OSRAM-LSYT676 Datasheet
398Kb / 17P
   optical indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com