Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC1E-HP-AC24V-F Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # HC1E-HP-AC24V-F
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC1E-HP-AC24V-F Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button HC1E-HP-AC24V-F Datasheet HTML 6Page - Panasonic Semiconductor HC1E-HP-AC24V-F Datasheet HTML 7Page - Panasonic Semiconductor HC1E-HP-AC24V-F Datasheet HTML 8Page - Panasonic Semiconductor HC1E-HP-AC24V-F Datasheet HTML 9Page - Panasonic Semiconductor HC1E-HP-AC24V-F Datasheet HTML 10Page - Panasonic Semiconductor HC1E-HP-AC24V-F Datasheet HTML 11Page - Panasonic Semiconductor HC1E-HP-AC24V-F Datasheet HTML 12Page - Panasonic Semiconductor HC1E-HP-AC24V-F Datasheet HTML 13Page - Panasonic Semiconductor HC1E-HP-AC24V-F Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HC
ASCTB4E 201302-T
REFERENCE DATA
Standard type
1. Life curve
Load: 250 V AC resistive load
2.-(1) Switching capacity range
(single contact type)
2.-(2) Switching capacity range
(4-pole bifurcated (twin) contact type)
2468
10
100
200
300
400
500
5,000
10,000
1c
2c
3c
4c
Load current, A
Mechanical life (DC type)
Mechanical life (AC type)
(250 V AC cos
ϕ = 1)
10mA
100
10
250
1A
1mA
7A
5A 10A
HC1c
HC4c
HC2c, 3c
AC current
100
µA
100mV
100
250
1A
3A
10A
AC current
3.-(1) Coil temperature rise
(1 Form C, AC type)
Measured portion: Inside the coil
Ambient temperature: 25
°C 77°F
3.-(2) Coil temperature rise
(2 Form C, AC type)
Measured portion: Inside the coil
Ambient temperature: 30
°C 86°F
3.-(3) Coil temperature rise
(3 Form C, AC type)
Measured portion: Inside the coil
Ambient temperature: 18
°C 64°F
(See note.)
(See note.)
(See note.)
80
90
100
110
120
0
10
20
30
40
50
60
70
80
90
100
10A
7A
0A
2A
5A
Coil applied voltage, %V
80
90
100
110
120
0
10
20
30
40
50
60
70
80
90
100
10A
5A
0A
Coil applied voltage, %V
80
90
100
110
120
0
10
20
30
40
50
60
70
80
90
100
5A
7A
0A
Coil applied voltage, %V
3.-(4) Coil temperature rise
(4 Form C, AC type)
Measured portion: Inside the coil
Ambient temperature: 15 to 21
°C 59 to 70°F
(See note.)
3.-(5) Coil temperature rise
(1 Form C, DC type)
Measured portion: Inside the coil
Ambient temperature: 29
°C 84°F
3.-(6) Coil temperature rise
(2 Form C, DC type)
Measured portion: Inside the coil
Ambient temperature: 29
°C 84°F
80
90
100
110
120
0
20
40
60
80
100
120
140
160
180
5A
3A
1A
Coil applied voltage, %V
80
90
100
110
120
0
10
20
30
40
50
60
70
80
90
100
10A
5A
0A
Coil applied voltage, %V
80
90
100
110
120
0
10
20
30
40
50
60
70
80
90
100
7A
5A
0A
Coil applied voltage, %V
3.-(7) Coil temperature rise
(3 Form C, DC type)
Measured portion: Inside the coil
Ambient temperature: 29
°C 84°F
3.-(8) Coil temperature rise
(4 Form C, DC type)
Measured portion: Inside the coil
Ambient temperature: 17 to 18
°C 62 to 64°F
Note: Coil temperature rise
When the nominal voltage is applied to AC 120 or
240 V coil types respectively, the figures of coil
temperature rise increase by approx. 10 degrees to
the ones shown on each graph.
80
90
100
110
120
0
10
20
30
40
50
60
70
80
90
100
7A
5A
0A
Coil applied voltage, %V
80
90
100
110
120
0
10
20
30
40
50
60
70
80
90
100
5A
3A
1A
Coil applied voltage, %V


Similar Part No. - HC1E-HP-AC24V-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
logo
Cooper Bussmann, Inc.
HC1-100-R COOPER-HC1-100-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R0-R COOPER-HC1-1R0-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R7-R COOPER-HC1-1R7-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-2R3-R COOPER-HC1-2R3-R Datasheet
317Kb / 3P
   High Current Inductor
More results

Similar Description - HC1E-HP-AC24V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com