Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ9031RNX-EVAL Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # KSZ9031RNX-EVAL
Description  Gigabit Ethernet Transceiver with RGMII Support
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ9031RNX-EVAL Datasheet(HTML) 1 Page - Micrel Semiconductor

  KSZ9031RNX-EVAL Datasheet HTML 1Page - Micrel Semiconductor KSZ9031RNX-EVAL Datasheet HTML 2Page - Micrel Semiconductor KSZ9031RNX-EVAL Datasheet HTML 3Page - Micrel Semiconductor KSZ9031RNX-EVAL Datasheet HTML 4Page - Micrel Semiconductor KSZ9031RNX-EVAL Datasheet HTML 5Page - Micrel Semiconductor KSZ9031RNX-EVAL Datasheet HTML 6Page - Micrel Semiconductor KSZ9031RNX-EVAL Datasheet HTML 7Page - Micrel Semiconductor KSZ9031RNX-EVAL Datasheet HTML 8Page - Micrel Semiconductor KSZ9031RNX-EVAL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
KSZ9031RNX
Gigabit Ethernet Transceiver
with RGMII Support
Data Sheet Rev. 1.0
LinkMD is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2012
M9999-103112-1.0
General Description
The KSZ9031RNX is a completely integrated triple-speed
(10Base-T/100Base-TX/1000Base-T) Ethernet physical-
layer transceiver for transmission and reception of data on
standard CAT-5 unshielded twisted pair (UTP) cable.
The KSZ9031RNX provides the Reduced Gigabit Media
Independent Interface (RGMII) for direct connection to
RGMII MACs in Gigabit Ethernet processors and switches
for data transfer at 10/100/1000Mbps.
The KSZ9031RNX reduces board cost and simplifies
board layout by using on-chip termination resistors for the
four differential pairs and by integrating an LDO controller
to drive a low-cost MOSFET to supply the 1.2V core.
The KSZ9031RNX offers diagnostic features to facilitate
system bring-up and debugging in production testing and
in product deployment. Parametric NAND tree support
enables fault detection between KSZ9031 I/Os and the
board. The LinkMD
® TDR-based cable diagnostic identifies
faulty copper cabling. Remote and local loopback functions
verify analog and digital data paths.
The KSZ9031RNX is available in a 48-pin, lead-free QFN
package (see “Ordering Information”).
Data sheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Single-chip 10/100/1000Mbps IEEE 802.3 compliant
Ethernet transceiver
• RGMII timing supports on-chip delay according to
RGMII Version 2.0, with programming options for
external delay and making adjustments and corrections
to TX and RX timing paths
• RGMII with 3.3V/2.5V/1.8V tolerant I/Os
• Auto-negotiation to automatically select the highest link-
up speed (10/100/1000Mbps) and duplex (half/full)
• On-chip termination resistors for the differential pairs
• On-chip LDO controller to support single 3.3V supply
operation – requires only one external FET to generate
1.2V for the core
• Jumbo frame support up to 16KB
• 125MHz reference clock output
• Energy detect power-down mode for reduced power
consumption when the cable is not attached
• Energy Efficient Ethernet (EEE) support with low-power
idle (LPI) mode and clock stoppage for 100Base-TX/
1000Base-T and transmit amplitude reduction with
10Base-Te option
• Wake-on-LAN (WOL) support with robust custom-packet
detection
Functional Diagram


Similar Part No. - KSZ9031RNX-EVAL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
logo
Micrel Semiconductor
KSZ9031RNXCA MICREL-KSZ9031RNXCA Datasheet
979Kb / 8P
   MIC94300/MIC94310 - Power Supply Output Noise Attenuators
logo
Microchip Technology
KSZ9031RNXCA MICROCHIP-KSZ9031RNXCA Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9031RNXCA MICROCHIP-KSZ9031RNXCA Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
More results

Similar Description - KSZ9031RNX-EVAL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RNI MICREL-KSZ9021RNI Datasheet
424Kb / 56P
   Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
   Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
   Gigabit Ethernet Transceiver with RGMII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
   Single-port Gigabit Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
   Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
   Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
730Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
logo
Micrel Semiconductor
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
   Gigabit Ethernet Transceiver with GMII / MII Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com