Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC1E-HP-AC6V-F Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # HC1E-HP-AC6V-F
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC1E-HP-AC6V-F Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button HC1E-HP-AC6V-F Datasheet HTML 4Page - Panasonic Semiconductor HC1E-HP-AC6V-F Datasheet HTML 5Page - Panasonic Semiconductor HC1E-HP-AC6V-F Datasheet HTML 6Page - Panasonic Semiconductor HC1E-HP-AC6V-F Datasheet HTML 7Page - Panasonic Semiconductor HC1E-HP-AC6V-F Datasheet HTML 8Page - Panasonic Semiconductor HC1E-HP-AC6V-F Datasheet HTML 9Page - Panasonic Semiconductor HC1E-HP-AC6V-F Datasheet HTML 10Page - Panasonic Semiconductor HC1E-HP-AC6V-F Datasheet HTML 11Page - Panasonic Semiconductor HC1E-HP-AC6V-F Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HC
ASCTB4E 201302-T
2) Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. For the AC coil types, the operate/release time will differ depending on the phase.
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
*4. When using the socket and terminal socket, be sure to verify the max. continuous current.
3) Switching capacity and expected life
(1) Electrical (at 20 times/min.)
(2) Mechanical (at 180 times/min.)
AC coil type: Min. 5
×107; DC coil type: Min. 108
Characteristics
Item
Specifications
Contact
Arrangement
1 Form C
2 Form C
3 Form C
4 Form C
4 Form C (twin)
Contact resistance (Initial)
Max. 30 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Ag alloy (cd free) + Au flash
AgNi type + Au clad
Rating
Nominal switching capacity
(resistive load)
10A 250V AC
7A 250V AC
7A 250V AC
5A 250V AC
3A 250V AC
Max. switching power
(resistive load)
2,500VA
1,750VA
1,750VA
1,250VA
750VA
Max. switching voltage
250VAC
Max. switching current*4
10A
7A
7A
5A
3A
Nominal operating power
AC (50Hz): 1.3VA, AC (60Hz): 1.2VA, DC: 0.9 to 1.1W
Min. switching capacity
(Reference value)*1
1mA 1V DC
100
µA 1V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown
voltage
(Initial)
Between open
contacts
700 Vrms for 1min. (Detection current: 10mA.)
Between contact
sets
700 Vrms for 1min. (Detection current: 10mA.)
Between contact
and coil
2,000 Vrms for 1min. (Detection current: 10mA.)
Temperature rise (coil)
(at 70
°C 158°F)
Max. 80
°C 176°F (By resistive method, nominal coil voltage)
Operate time (at 20
°C 68°F)*2
Max. 20ms (Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time (at 20
°C 68°F)*2
Max. 20ms (Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)
Mechanical
characteristics
Shock
resistance
Functional
Min. 196 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration
resistance
Functional
10 to 55 Hz at double amplitude of 1 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2 mm
Expected life
Mechanical
Min. 5
×107: AC coil type (at 180 times/min.); Min. 108: DC coil type (at 180 times/min.)
Electrical
Min. 2
×105
resistive load
(at 20 times/min.)
Min. 2
×105
resistive load
(at 20 times/min.)
Min. 105
resistive load
(at 20 times/min.)
Min. 2
×105
resistive load
(at 20 times/min.)
Min. 2
×105
resistive load
(at 20 times/min.)
Conditions
Conditions for operation,
transport and storage*3
Ambient temperature: –50
°C to +70°C –58°F to +158°F (without LED); –50°C to +60°C –58°F to +140°F (with LED)
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. Operating speed
20 times/min. (at max. rating)
Unit weight
Approx. 30g 1.06 oz
Load
AC
DC
Expected life
Resistive (cos
ϕ = 1)
Inductive (cos
ϕ
0.4)
Resistive
Inductive
Voltage
125V AC
250V AC
125V AC
250V AC
30V DC
30V DC
1 Form C
10A
10A
5A
3A
Min. 2
×105
7A
7A
3A
2.5A
3A
1A
Min. 5
×105
5A
5A
2A
1.5A
Min. 106
2 Form C
7A
7A
3.5A
2A
Min. 2
×105
5A
5A
2.5A
1.5A
3A
0.6A
Min. 5
×105
3A
3A
1.5A
1A
Min. 106
3 Form C
7A
7A
————
Min. 105
——
3.5A
2A
Min. 2
×105
5A
5A
3A
0.4A
Min. 5
×105
4 Form C
5A
5A
2A
1A
Min. 2
×105
3A
3A
1A
0.8A
3A
0.4A
Min. 5
×105
2A
2A
0.5A
0.4A
Min. 106
4 Form C (twin)
3A
3A
1A
0.8A
3A
Min. 2
×105


Similar Part No. - HC1E-HP-AC6V-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
logo
Cooper Bussmann, Inc.
HC1-100-R COOPER-HC1-100-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R0-R COOPER-HC1-1R0-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R7-R COOPER-HC1-1R7-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-2R3-R COOPER-HC1-2R3-R Datasheet
317Kb / 3P
   High Current Inductor
More results

Similar Description - HC1E-HP-AC6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com