Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ9031RNXCA Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # KSZ9031RNXCA
Description  Gigabit Ethernet Transceiver with RGMII Support
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ9031RNXCA Datasheet(HTML) 2 Page - Micrel Semiconductor

  KSZ9031RNXCA Datasheet HTML 1Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 2Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 3Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 4Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 5Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 6Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 7Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 8Page - Micrel Semiconductor KSZ9031RNXCA Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 75 page
background image
Micrel, Inc.
KSZ9031RNX
October 2012
2
M9999-103112-1.0
Features (Continued)
• Programmable LED outputs for link, activity, and
speed
• Baseline wander correction
• LinkMD TDR-based cable diagnostic to identify faulty
copper cabling
• Parametric NAND tree support to detect faults
between chip I/Os and board
• Loopback modes for diagnostics
• Automatic MDI/MDI-X crossover to detect and correct
pair swap at all speeds of operation
• Automatic detection and correction of pair swaps, pair
skew, and pair polarity
• MDC/MDIO management interface for PHY register
configuration
• Interrupt pin option
• Power-down and power-saving modes
• Operating voltages
– Core (DVDDL, AVDDL, AVDDL_PLL):
1.2V (external FET or regulator)
– VDD I/O (DVDDH):
3.3V, 2.5V, or 1.8V
– Transceiver (AVDDH):
3.3V or 2.5V (commercial temp)
• Available in a 48-pin QFN (7mm x 7mm) package
Applications
• Laser/Network printer
• Network attached storage (NAS)
• Network server
• Gigabit LAN on motherboard (GLOM)
• Broadband gateway
• Gigabit SOHO/SMB router
• IPTV
• IP set-top box
• Game console
• Triple-play (data, voice, video) media center
• Media converter
Ordering Information
Part Number
Temperature
Range
Package
Lead
Finish
Wire
Bonding
Description
KSZ9031RNXCA
0°C to 70°C
48-Pin QFN
Pb-Free
Gold
RGMII, Commercial Temperature, Gold Wire
Bonding
KSZ9031RNXCC
(1)
0°C to 70°C
48-Pin QFN
Pb-Free
Copper
RGMII, Commercial Temperature, Copper Wire
Bonding
KSZ9031RNXIA
(1)
−40°C to 85°C
48-Pin QFN
Pb-Free
Gold
RGMII, Industrial Temperature, Gold Wire
Bonding
KSZ9031RNXIC
(1)
−40°C to 85°C
48-Pin QFN
Pb-Free
Copper
RGMII, Industrial Temperature, Copper Wire
Bonding
KSZ9031RNX-EVAL
0°C to 70°C
48-Pin QFN
Pb-Free
KSZ9031RNX Evaluation Board
(Mounted with KSZ9031RNX device in
commercial temperature)
Note:
1.
Contact factory for lead time.


Similar Part No. - KSZ9031RNXCA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9031RNXCA MICREL-KSZ9031RNXCA Datasheet
979Kb / 8P
   MIC94300/MIC94310 - Power Supply Output Noise Attenuators
logo
Microchip Technology
KSZ9031RNXCA MICROCHIP-KSZ9031RNXCA Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9031RNXCA MICROCHIP-KSZ9031RNXCA Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9031RNXCA-TR MICROCHIP-KSZ9031RNXCA-TR Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9031RNXCA-TRVAO MICROCHIP-KSZ9031RNXCA-TRVAO Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
More results

Similar Description - KSZ9031RNXCA

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RNI MICREL-KSZ9021RNI Datasheet
424Kb / 56P
   Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
   Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
   Gigabit Ethernet Transceiver with RGMII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
   Single-port Gigabit Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
   Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
   Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
730Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
logo
Micrel Semiconductor
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
   Gigabit Ethernet Transceiver with GMII / MII Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com