Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8128TB Datasheet(PDF) 4 Page - California Eastern Labs

Part # UPC8128TB
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8128TB Datasheet(HTML) 4 Page - California Eastern Labs

  UPC8128TB Datasheet HTML 1Page - California Eastern Labs UPC8128TB Datasheet HTML 2Page - California Eastern Labs UPC8128TB Datasheet HTML 3Page - California Eastern Labs UPC8128TB Datasheet HTML 4Page - California Eastern Labs UPC8128TB Datasheet HTML 5Page - California Eastern Labs UPC8128TB Datasheet HTML 6Page - California Eastern Labs UPC8128TB Datasheet HTML 7Page - California Eastern Labs UPC8128TB Datasheet HTML 8Page - California Eastern Labs UPC8128TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PIN CONNECTIONS
Pin No.
Pin Name
1
INPUT
2
GND
3
GND
4
OUTPUT
5
GND
1
2
3
6
(Top View)
5
4
6
5
4
1
(Bottom View)
2
3
6
VCC
PIN EXPLANATION
Pin
No.
Pin
Name
Applied
Voltage
(V)
Pin
Voltage
(V)
Note
Function and Applications
Internal Equivalent Circuit
1
INPUT
0.90
Signal input pin. A internal
matching circuit, configured with
resisters, enables 50
Ω connection
over a wide band. This pin must
be coupled to signal source with
capacitor for DC cut.
2
3
5
GND
0
Ground pin. This pin should be
connected to system ground with
minimum inductance. Ground
pattern on the board should be
formed as wide as possible.
All the ground pins must be con-
nected together with wide ground
pattern to decrease impedance
defference.
4
OUTPUT
Voltage
as same
as VCC
through
external
inductor
Signal output pin. This pin is de-
signed as collector output. Due to
the high impedance output, this pin
should be externally equipped with
LC matching circuit to next stage.
For L, a size 1 005 chip inductor
can be chosen.
6
VCC
2.4 to 3.3
Power supply pin. This pin should
be externally equipped with bypass
capacitor to minimize its
impedance.
2
3
5
6
4
1
Note Pin voltage is measured at VCC = 3.0 V.
Data Sheet PU10063EJ02V0DS
4
µPC8178TK


Similar Part No. - UPC8128TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8128TB NEC-UPC8128TB Datasheet
138Kb / 16P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8128TB NEC-UPC8128TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
logo
California Eastern Labs
UPC8128TB CEL-UPC8128TB Datasheet
1Mb / 25P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC8128TB RENESAS-UPC8128TB Datasheet
513Kb / 54P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
More results

Similar Description - UPC8128TB

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com