Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8178TK-E2 Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPC8178TK-E2
Description  SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8178TK-E2 Datasheet(HTML) 2 Page - California Eastern Labs

  UPC8178TK-E2 Datasheet HTML 1Page - California Eastern Labs UPC8178TK-E2 Datasheet HTML 2Page - California Eastern Labs UPC8178TK-E2 Datasheet HTML 3Page - California Eastern Labs UPC8178TK-E2 Datasheet HTML 4Page - California Eastern Labs UPC8178TK-E2 Datasheet HTML 5Page - California Eastern Labs UPC8178TK-E2 Datasheet HTML 6Page - California Eastern Labs UPC8178TK-E2 Datasheet HTML 7Page - California Eastern Labs UPC8178TK-E2 Datasheet HTML 8Page - California Eastern Labs UPC8178TK-E2 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
µPC8178TK-E2
µPC8178TK-E2-A
6-pin lead-less minimold
(1511) (Pb-Free)
Note
6B
• Embossed tape 8 mm wide
• Pin 1, 2, 3 face the perforation side of the tape
• Qty 5 kpcs/reel
Note With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact
your nearby sales office.
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order:
µPC8178TK
PRODUCT LINE-UP (TA = +25
°C, VCC = Vout = 3.0 V, ZS = ZL = 50 Ω)
Parameter
1.0 GHz output port
matching frequency
1.66 GHz output port
matching frequency
1.9 GHz output port
matching frequency
2.4 GHz output port
matching frequency
Marking
Part No.
ICC
(mA)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
GP
(dB)
ISL
(dB)
PO(1dB)
(dBm)
µPC8178TB
1.9
11.0
39.0
−4.0
11.5
40.0
−7.0
11.5
38.0
−7.5
C3B
µPC8178TK
1.9
11.0
40.0
−5.5
11.0
41.0
−8.0
11.0
42.0
−8.0
6B
µPC8179TB
4.0
13.5
44.0
+3.0
15.5
42.0
+1.5
15.5
41.0
+1.0
C3C
µPC8128TB
2.8
12.5
39.0
−4.0
13.0
39.0
−4.0
13.0
37.0
−4.0
C2P
µPC8151TB
4.2
12.5
38.0
+2.5
15.0
36.0
+1.5
15.0
34.0
+0.5
C2U
µPC8152TB
5.6
23.0
40.0
−4.5
19.5
38.0
−8.5
17.5
35.0
−8.5
C2V
Remarks 1. Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
2. To know the associated product, please refer to each latest data sheet.
Data Sheet PU10063EJ02V0DS
2
µPC8178TK


Similar Part No. - UPC8178TK-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8178TK-E2 NEC-UPC8178TK-E2 Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8178TK-E2 RENESAS-UPC8178TK-E2 Datasheet
438Kb / 29P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
logo
NEC
UPC8178TK-E2-A NEC-UPC8178TK-E2-A Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
UPC8178TK-E2-A RENESAS-UPC8178TK-E2-A Datasheet
438Kb / 29P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2005
More results

Similar Description - UPC8178TK-E2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8179TK CEL-UPC8179TK Datasheet
434Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC8179TB NEC-UPC8179TB Datasheet
154Kb / 7P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8179TB NEC-UPC8179TB_1 Datasheet
151Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
August 2000
UPC8178TK NEC-UPC8178TK Datasheet
308Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8178TB NEC-UPC8178TB Datasheet
165Kb / 28P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TK NEC-UPC8179TK Datasheet
289Kb / 27P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC8179TK RENESAS-PC8179TK_15 Datasheet
420Kb / 29P
   SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8178TB CEL-UPC8178TB Datasheet
206Kb / 7P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8179TB CEL-UPC8179TB Datasheet
283Kb / 11P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
   3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com