Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP2100IB Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP2100IB
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2100IB Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP2100IB Datasheet HTML 4Page - Intersil Corporation HIP2100IB Datasheet HTML 5Page - Intersil Corporation HIP2100IB Datasheet HTML 6Page - Intersil Corporation HIP2100IB Datasheet HTML 7Page - Intersil Corporation HIP2100IB Datasheet HTML 8Page - Intersil Corporation HIP2100IB Datasheet HTML 9Page - Intersil Corporation HIP2100IB Datasheet HTML 10Page - Intersil Corporation HIP2100IB Datasheet HTML 11Page - Intersil Corporation HIP2100IB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FN4022.14
FIGURE 13. PEAK PULLDOWN CURRENT vs OUTPUT
VOLTAGE
FIGURE 14. BOOTSTRAP DIODE I-V CHARACTERISTICS
FIGURE 15. QUIESCENT CURRENT vs VOLTAGE
FIGURE 16. VHS VOLTAGE vs VDD VOLTAGE
Typical Performance Curves (Continued)
6
2.0
12
10
8
4
2
0
2.5
1.5
1.0
0.5
0
VLO, VHO (V)
0.8
1.000
0.100
0.010
0.001
1·10-4
1·10-5
1·10-6
0.7
0.6
0.5
0.4
0.3
FORWARD VOLTAGE (V)
VDD, VHB (V)
05
10
15
60
50
40
0
30
20
10
IDD vs VDD
IHB vs VHB
120
100
80
60
40
20
0
14
15
16
12
VDD TO VSS VOLTAGE (V)
HIP2100


Similar Part No. - HIP2100IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2100IB INTERSIL-HIP2100IB Datasheet
348Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IB INTERSIL-HIP2100IB Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IB INTERSIL-HIP2100IB Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
logo
Renesas Technology Corp
HIP2100IB RENESAS-HIP2100IB Datasheet
670Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
More results

Similar Description - HIP2100IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2100 INTERSIL-HIP2100_04 Datasheet
348Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Renesas Technology Corp
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101 INTERSIL-HIP2101 Datasheet
413Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2100 RENESAS-HIP2100 Datasheet
670Kb / 13P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
logo
Intersil Corporation
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
HIP2101EIBZT INTERSIL-HIP2101EIBZT Datasheet
419Kb / 12P
   100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2106 INTERSIL-HIP2106 Datasheet
66Kb / 8P
   100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com