Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHS60ZA Datasheet(PDF) 4 Page - Power-One

Part # HHS60ZA
Description  48VDC Input, 60 Amp Half-Brick Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HHS60ZA Datasheet(HTML) 4 Page - Power-One

  HHS60ZA Datasheet HTML 1Page - Power-One HHS60ZA Datasheet HTML 2Page - Power-One HHS60ZA Datasheet HTML 3Page - Power-One HHS60ZA Datasheet HTML 4Page - Power-One HHS60ZA Datasheet HTML 5Page - Power-One HHS60ZA Datasheet HTML 6Page - Power-One HHS60ZA Datasheet HTML 7Page - Power-One HHS60ZA Datasheet HTML 8Page - Power-One HHS60ZA Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
JUN 06, 2006 revised to JUL 25, 2006
Page 4 of 12
www.power-one.com
HHS60 DC-DC Series Data Sheet
48VDC Input, 60 Amp Half-Brick Converter
Protections Specifications
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
Overcurrent Protection
1
Type
Non-latching – Hiccup mode, auto-recovery
Threshold
64
78
Adc
Short Circuit
30
ARMS
Overvoltage Protection
2
Type
Clamping, auto-recovery
Threshold
Vin = Vin.nom, Iout=Irated
120
140
Vdc
Overtemperature Protection
Type
Non-latching, auto-recovery
Threshold
Baseplate temperature
116
120
124
°C
Recovery
90
°C
1
See Fig. 13
2
See Fig. 14
Feature Specifications
All specifications apply over specified input voltage, output load and temperature range, unless otherwise noted.
Parameter
Conditions/Description
Min
Nom
Max
Units
ON/OFF
Negative Logic (-N suffix)
Converter ON
Source Current
Converter OFF
Open Circuit Voltage
ON/OFF signal is low or the pin is
connected to -Vin – converter is ON
Von/off in reference to -Vin
ON/OFF pin is connected to -Vin
Von/off in reference to -Vin
ON/OFF pin is floating
-0.5
3.5
0.5
1.8
1
20
5
VDC
mADC
VDC
VDC
Positive Logic (no suffix)
Converter ON
Open Circuit Voltage
Converter OFF
Source Current
On/Off signal is low or the pin is floating
–converter is OFF
Von/off in reference to -Vin
ON/OFF pin is floating
Von/off in reference to -Vin
ON/OFF pin is connected to -Vin
3.5
-0.5
0.5
10
5
1.8
1
VDC
VDC
VDC
mADC
Remote Sense
1
Remote Sense Headroom
10
%Vout
Output Voltage Trim
1
Trim Up
Vin = Vin.nom, Iout=Irated
10
Vdc
Trim Down
Vin = Vin.nom, Iout=Irated
-10
Vdc
1
Vout can be increased up to 10% via the sense leads or up to 10% via the trim function; however total output voltage trim from all sources
should not exceed 10% of Vout.


Similar Part No. - HHS60ZA

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS60ZA POWER-ONE-HHS60ZA Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
HHS60ZA POWER-ONE-HHS60ZA Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
More results

Similar Description - HHS60ZA

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS05Z55-NT POWER-ONE-HHS05Z55-NT Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
logo
Artesyn Technologies
AVE240C-48S12-4L ARTESYN-AVE240C-48S12-4L Datasheet
1Mb / 24P
   Half-brick Converter
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
   48Vdc Input, 30Vdc 20A Output Full-brick
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com