Electronic Components Datasheet Search |
|
HHS60ZB Datasheet(PDF) 3 Page - Power-One |
|
HHS60ZB Datasheet(HTML) 3 Page - Power-One |
3 / 12 page JUN 06, 2006 revised to JUL 25, 2006 Page 3 of 12 www.power-one.com HHS60 DC-DC Series Data Sheet 48VDC Input, 60 Amp Half-Brick Converter Input Specifications All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted. Parameter Conditions/Description Min Nom Max Units Input Voltage Continuous 36 48 75 VDC Turn-On Input Voltage Ramping Up 1 33 34 35 VDC Turn-Off Input Voltage Ramping Down 1 31 32 33 VDC Input Reflected Ripple Current Full Load, 12 µH source inductance BW=20 MHz 2 2.6 50 mA p-p Inrush Transient Vin = Vin.max 0.1 1 A 2s 1 Refer to Fig. 9 for waveform. 2 Refer to Fig. 18 for test circuit. / measurement method. Output Specifications All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted. Parameter Conditions/Description Min Nom Max Units Output Voltage Set-point Accuracy: Vin = 48VDC, Full Load -1.2 1.2 %Vout Output Current Irated 3* 60 ADC Line Regulation: (Vin = 36 V to 75 V) 0.2 %Vout Load Regulation: Vin = Vnom, Io,min to Io,max 0.2 %Vout Output Temperature Regulation (TBaseplate) = -40 OC to +100 OC) 0.03 %/ OC Ripple and Noise, DC to 20MHz 1,2 Over line and load Tamb= 0 OC to 85 OC 75 15 150 40 mV p-p mVRMS 75-100-75% load step change, to 1% error band di/dt = 0.1A/ μs 13 125 18 250 %Vout μs Dynamic Regulation Peak Deviation Settling Time Peak Deviation Settling Time di/dt = 1A/ μs 15 125 20 250 %Vout μs Turn-On Time (turn-on via application of Vin) Time from Vin = UVLO to regulation band 15 20 ms Turn-On Time (turn-on via ON/OFF signal) Time from ON/OFF signal to regulation band 12 15 ms Rise Time from 10 to 90% of Vout.nom 10 ms Turn-on Overshoot Over all input voltage, load, and temperature conditions 1 5 %Vout Admissible Load Capacitance Irated, Nom Vin 15,000 μF Backdrive Protection No damage to converter Yes Switching Frequency 400 kHz 1 At Iout<Iout.min, the output may contain low frequency component that exceeds ripple specifications. 2 See Figure 12 for test setup |
Similar Part No. - HHS60ZB |
|
Similar Description - HHS60ZB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |