Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HHS60ZD Datasheet(PDF) 11 Page - Power-One

Part # HHS60ZD
Description  48VDC Input, 60 Amp Half-Brick Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

HHS60ZD Datasheet(HTML) 11 Page - Power-One

Back Button HHS60ZD Datasheet HTML 4Page - Power-One HHS60ZD Datasheet HTML 5Page - Power-One HHS60ZD Datasheet HTML 6Page - Power-One HHS60ZD Datasheet HTML 7Page - Power-One HHS60ZD Datasheet HTML 8Page - Power-One HHS60ZD Datasheet HTML 9Page - Power-One HHS60ZD Datasheet HTML 10Page - Power-One HHS60ZD Datasheet HTML 11Page - Power-One HHS60ZD Datasheet HTML 12Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
JUN 06, 2006 revised to JUL 25, 2006
Page 11 of 12
www.power-one.com
HHS60 DC-DC Series Data Sheet
48VDC Input, 60 Amp Half-Brick Converter
voltages.
The entire system, including the
HHS60 converter, must pass a dielectric
withstand test for Reinforced insulation. Design
of this type of systems requires expert
engineering and under-standing of the overall
safety requirements and should be performed by
qualified personnel.
Thermal Considerations
The HHS60 Series converters are designed for
natural or forced convection cooling. The maximum
allowable output current of the converters is
determined by meeting the derating criteria for all
components used in the converters. For example,
the maximum semiconductor junction temperature is
not allowed to exceed 120 °C to ensure reliable long-
term operation of the converters.
The graphs in Figures 5 thru 8 show the maximum
output current of the HHS60 Series converters at
different ambient temperatures under both natural
and forced convection. (longitudinal airflow direction,
from pin 1 to pin 4).
Test Setup
Figure 18. Input Reflected Ripple Current Test Setup
Note: Measure input reflected-ripple current with a simulated
inductance (Ltest) of 12 µH. Capacitors offset possible battery
impedance. Measure current as shown above
BATTER
Y
Cs 220 uF
ESR < 0.1 OHM
@ 20 ºC, 100
kHz
Ltest
12 uH
22 uF
ESR < 0.7 OHM
@ 20 ºC, 100 kHz
Vi(+)
Vi(-)
TO OSCILLOSCOPE


Similar Part No. - HHS60ZD

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS60ZD POWER-ONE-HHS60ZD Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
HHS60ZD POWER-ONE-HHS60ZD Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
More results

Similar Description - HHS60ZD

ManufacturerPart #DatasheetDescription
logo
Power-One
HHS05Z55-NT POWER-ONE-HHS05Z55-NT Datasheet
247Kb / 12P
   48VDC Input, 60 Amp Half-Brick Converter
logo
Artesyn Technologies
AVE240C-48S12-4L ARTESYN-AVE240C-48S12-4L Datasheet
1Mb / 24P
   Half-brick Converter
logo
Emerson Network Power
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
   48Vdc Input, 5Vdc 30A Output Quarter-brick
AGF600-48S30 EMERSON-NETWORKPOWER-AGF600-48S30 Datasheet
493Kb / 15P
   48Vdc Input, 30Vdc 20A Output Full-brick
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
IHB60T CANDD-IHB60T Datasheet
282Kb / 4P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
IHB60S2403C MURATA-PS-IHB60S2403C Datasheet
175Kb / 4P
   60 Watt Single Output Half Brick DC/DC Converter
VKP60LT312C MURATA-PS-VKP60LT312C Datasheet
335Kb / 7P
   60 Watt Triple Output Half Brick DC/DC Converter
logo
Power-One
HBT060ZGHH POWER-ONE-HBT060ZGHH Datasheet
115Kb / 12P
   HBT Series . Half-Brick DC/DC Converter 48V Input 60 Watt Triple Output
logo
C&D Technologies
VKP60XT CANDD-VKP60XT Datasheet
833Kb / 6P
   60 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com