Electronic Components Datasheet Search |
|
HC1E-L-AC12V-F Datasheet(PDF) 9 Page - Panasonic Semiconductor |
|
HC1E-L-AC12V-F Datasheet(HTML) 9 Page - Panasonic Semiconductor |
9 / 15 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ HC ASCTB4E 201302-T 2. Amber sealed type 1) Coil data Same coil data as HC relay standard type. Please refer to standard type information. 2) Specifications Notes: Other specifications are same as standard types. *1. This value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the actual load. *2. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage conditions in NOTES. 3) Switching capacity and expected life (1) Electrical (at 20 times/min.) (2) Mechanical (at 180 times/min.) AC coil type: Min. 5 ×107; DC coil type: Min. 108 3. With diode type (For DC) 1) Coil data Same coil data as HC relay standard type for DC. Please refer to standard type information. Please connect DC coil type built-in diode correctly by verifying the coil polarity. 2) Specifications Notes: Other specifications are same as standard type HC relay. Please see the standard type HC relay. * The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage conditions in NOTES. Characteristics Item Specifications 1 Form C 2 Form C 4 Form C 4 Form C (twin) Contact Arrangement 1 Form C 2 Form C 4 Form C 4 Form C Rating Nominal switching capacity (resistive load) 5A 250V AC 3A 250V AC 2A 250V AC 1A 250V AC Max. switching power (resistive load) 1,250VA 700VA 500VA 250VA Max. switching voltage 250VAC 250VAC 250VAC 250VAC Max. switching current 5A 3A 2A 1A Min. switching capacity (Reference value)*1 1mA 100mV DC 100 µA 100mV DC Electrical characteristics Temperature rise (coil) (at 60 °C 140°F) Max. 90 °C 194°F (By resistive method, nominal voltage) Expected life Electrical Min. 2 ×105 resistive load (at 20 times/min.) Conditions Conditions for operation, transport and storage*2 Ambient temperature: –40 °C to +60°C –40°F to +140°F; Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature) Ambient air pressure 760mmHg ±20% (1,013mb±20%) Load AC DC Expected life Resistive (cos ϕ = 1) Inductive (cos ϕ 0.4) Resistive Inductive Voltage 125V AC 250V AC 125V AC 250V AC 30V DC 30V DC HC1E 5A 5A — — 3A 1A Min. 2 ×105 HC2E 3A 3A — — 2A 0.7A Min. 2 ×105 HC4E 2A 2A — — 2A 0.6A Min. 2 ×105 HC4ED (4 Form C twin) 1A 1A ———— Min. 2 ×105 Characteristics Item Specifications Conditions Conditions for operation, transport and storage* Ambient temperature: –50 °C to +60°C –58°F to +140°F Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature) |
Similar Part No. - HC1E-L-AC12V-F |
|
Similar Description - HC1E-L-AC12V-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |