Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC1E-L-AC6V-F Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # HC1E-L-AC6V-F
Description  Relay for control panel of 1A to 10A (1c/2c/3c/4c)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

HC1E-L-AC6V-F Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button HC1E-L-AC6V-F Datasheet HTML 3Page - Panasonic Semiconductor HC1E-L-AC6V-F Datasheet HTML 4Page - Panasonic Semiconductor HC1E-L-AC6V-F Datasheet HTML 5Page - Panasonic Semiconductor HC1E-L-AC6V-F Datasheet HTML 6Page - Panasonic Semiconductor HC1E-L-AC6V-F Datasheet HTML 7Page - Panasonic Semiconductor HC1E-L-AC6V-F Datasheet HTML 8Page - Panasonic Semiconductor HC1E-L-AC6V-F Datasheet HTML 9Page - Panasonic Semiconductor HC1E-L-AC6V-F Datasheet HTML 10Page - Panasonic Semiconductor HC1E-L-AC6V-F Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HC
ASCTB4E 201302-T
RATING
1. Standard type
1) Coil data
(1) AC coils (50/60Hz)
Notes: 1. The relay operates in a range of 80% to 110% V of the voltage rating, but ideally, in consideration of temporary voltage fluctuations, it should be operated at the
rated voltage. In particular, for AC operation, if the applied voltage drops to 80% V or more below the rated voltage, humming will occur and a large current will flow
leading possibly to coil burnout.
2. The maximum applied voltage is the maximum voltage fluctuation value for the coil power supply. This value is not a permissible value for continuous operation.
(This value differs depending on the ambient temperature. Please contact us for details.)
(2) DC coils
Notes: 1. The coil resistance for DC operation is the value measured when the coil temperature is 20
°C 68°F. Compensate ±0.4% for every ±1°C change in temperature.
2. The relay operates in a range of 80% to 110% V of the voltage rating, but ideally, in consideration of temporary voltage fluctuations, it should be operated at the
rated voltage.
3. For use with 200 V DC, connect a 10 K
Ω (5W) resistor, in series, to the 100 V DC relay.
4. The maximum applied voltage is the maximum voltage fluctuation value for the coil power supply. This value is not a permissible value for continuous operation.
(This value differs depending on the ambient temperature. Please contact us for details.)
Type
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out
voltage
(at 20
°C 68°F)
Nominal coil current
[
±20%] (at 20°C 68°F)
Coil inductance
Nominal operating
power
Max. applied
voltage
(at 70
°C 158°F)
50Hz
60Hz
N.C.
condition
N.O.
condition
50Hz
60Hz
Standard
6V AC
80%V or less of
nominal voltage
(Initial)
30%V or more
of nominal
voltage
(Initial)
224mA
200mA
0.078H
0.074H
1.3VA
1.2VA
110%V of
nominal voltage
12V AC
111mA
100mA
0.312H
0.295H
24V AC
56mA
50mA
1.243H
1.181H
48V AC
28mA
25mA
4.974H
4.145H
100/110V AC
13.4/14.7mA
12/13.2mA
23.75H
20.63H
110/120V AC
12.2/13.5mA
10.9/11.9mA
27.19H
25.57H
200/220V AC
6.7/7.4mA
6/6.6mA
85.98H
81.76H
Type
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal coil current
[
±10%]
(at 20
°C 68°F)
Coil resistance
[
±10%]
(at 20
°C 68°F)
Nominal operating
power
Max. applied voltage
(at 70
°C 158°F)
Standard
6V DC
80%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
150mA
40
0.9W
110%V of
nominal voltage
12V DC
75mA
160
24V DC
37mA
650
48V DC
18.5mA
2,600
100/110V DC
10/11mA
10,000
1.0W


Similar Part No. - HC1E-L-AC6V-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC1 ILLINOISCAPACITOR-HC1 Datasheet
894Kb / 4P
   High AC Voltage - High current
logo
Cooper Bussmann, Inc.
HC1-100-R COOPER-HC1-100-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R0-R COOPER-HC1-1R0-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-1R7-R COOPER-HC1-1R7-R Datasheet
317Kb / 3P
   High Current Inductor
HC1-2R3-R COOPER-HC1-2R3-R Datasheet
317Kb / 3P
   High Current Inductor
More results

Similar Description - HC1E-L-AC6V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HC1-H-AC6V-F PANASONIC-HC1-H-AC6V-F Datasheet
388Kb / 18P
   Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
HP2-AC24V PANASONIC-HP2-AC24V Datasheet
191Kb / 7P
   Relay for control panel of 10A (2c/3c/4c) Food processing packing machines
HL1-HP-DC24V PANASONIC-HL1-HP-DC24V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HL2-HP-DC12V PANASONIC-HL2-HP-DC12V Datasheet
151Kb / 7P
   Relay for control panel of 1c 15A, and 2c 10A
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
   Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com