Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H8-3664 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # H8-3664
Description  Renesas 16-Bit Single-Chip Microcomputer
Download  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8-3664 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button H8-3664 Datasheet HTML 4Page - Renesas Technology Corp H8-3664 Datasheet HTML 5Page - Renesas Technology Corp H8-3664 Datasheet HTML 6Page - Renesas Technology Corp H8-3664 Datasheet HTML 7Page - Renesas Technology Corp H8-3664 Datasheet HTML 8Page - Renesas Technology Corp H8-3664 Datasheet HTML 9Page - Renesas Technology Corp H8-3664 Datasheet HTML 10Page - Renesas Technology Corp H8-3664 Datasheet HTML 11Page - Renesas Technology Corp H8-3664 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 446 page
background image
Rev. 6.00 Mar. 24, 2006 Page vi of xxviii
Preface
The H8/3664 Group are single-chip microcomputers made up of the high-speed H8/300H CPU
employing Renesas Technology original architecture as their cores, and the peripheral functions
required to configure a system. The H8/300H CPU has an instruction set that is compatible with
the H8/300 CPU.
Target Users:
This manual was written for users who will be using the H8/3664 Group in the
design of application systems. Target users are expected to understand the
fundamentals of electrical circuits, logical circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the H8/3664 Group to the target users.
Refer to the H8/300H Series Software Manual for a detailed description of the
instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the H8/300H Series Software Manual.
• In order to understand the details of a register when its name is known
Read the index that is the final part of the manual to find the page number of the entry on the
register. The addresses, bits, and initial values of the registers are summarized in section 19,
List of Registers.
Example:
Bit order:
The MSB is on the left and the LSB is on the right.
Notes:
When using the on-chip emulator (E7, E8) for H8/3664 program development and debugging, the
following restrictions must be noted.
1. The
NMI pin is reserved for the E7 or E8, and cannot be used.
2. Pins P85, P86, and P87 cannot be used. In order to use these pins, additional hardware must be
provided on the user board.
3. Area H'7000 to H'7FFF is used by the E7 or E8, and is not available to the user.
4. Area H'F780 to H'FB7F must on no account be accessed.


Similar Part No. - H8-3664

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8-3644 RENESAS-H8-3644 Datasheet
4Mb / 549P
   8-Bit Single-Chip Microcomputer
More results

Similar Description - H8-3664

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F38602R RENESAS-HD64F38602R Datasheet
3Mb / 552P
   Renesas 16-Bit Single-Chip Microcomputer
H8S33 RENESAS-H8S33 Datasheet
7Mb / 1489P
   Renesas 16-Bit Single-Chip Microcomputer
H8S29 RENESAS-H8S29 Datasheet
7Mb / 1304P
   Renesas 16-Bit Single-Chip Microcomputer
H8S-2427 RENESAS-H8S-2427 Datasheet
7Mb / 1270P
   Renesas- 16-bit single-chip microcomputer
Rev.3.00 2012.09
H8S43 RENESAS-H8S43 Datasheet
6Mb / 1279P
   Renesas 16-Bit Single-Chip Microcomputer
HD64F2168 RENESAS-HD64F2168 Datasheet
4Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer
H838799 RENESAS-H838799 Datasheet
4Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer
H83069RF RENESAS-H83069RF Datasheet
4Mb / 1003P
   Renesas 16-Bit Single-Chip Microcomputer
H8S2194 RENESAS-H8S2194 Datasheet
5Mb / 1078P
   Renesas 16-Bit Single-Chip Microcomputer
3069RF-ZTAT RENESAS-3069RF-ZTAT Datasheet
4Mb / 1003P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com